Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48P Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATMEGA48P
Description  High Endurance Non-volatile Memory Segments
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48P Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATMEGA48P Datasheet HTML 30Page - ATMEL Corporation ATMEGA48P Datasheet HTML 31Page - ATMEL Corporation ATMEGA48P Datasheet HTML 32Page - ATMEL Corporation ATMEGA48P Datasheet HTML 33Page - ATMEL Corporation ATMEGA48P Datasheet HTML 34Page - ATMEL Corporation ATMEGA48P Datasheet HTML 35Page - ATMEL Corporation ATMEGA48P Datasheet HTML 36Page - ATMEL Corporation ATMEGA48P Datasheet HTML 37Page - ATMEL Corporation ATMEGA48P Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 420 page
background image
34
8025M–AVR–6/11
ATmega48P/88P/168P
Note:
1. This option should only be used if frequency stability at start-up is not important for the
application
9.6
Calibrated Internal RC Oscillator
By default, the Internal RC Oscillator provides an approximate 8.0 MHz clock. Though voltage
and temperature dependent, this clock can be very accurately calibrated by the user. See Table
29-1 on page 313 for more details. The device is shipped with the CKDIV8 Fuse programmed.
See ”System Clock Prescaler” on page 36 for more details.
This clock may be selected as the system clock by programming the CKSEL Fuses as shown in
Table 9-11. If selected, it will operate with no external components. During reset, hardware loads
the pre-programmed calibration value into the OSCCAL Register and thereby automatically cal-
ibrates the RC Oscillator. The accuracy of this calibration is shown as Factory calibration in
Table 29-1 on page 313.
By changing the OSCCAL register from SW, see ”OSCCAL – Oscillator Calibration Register” on
page 38, it is possible to get a higher calibration accuracy than by using the factory calibration.
The accuracy of this calibration is shown as User calibration in Table 29-1 on page 313.
When this Oscillator is used as the chip clock, the Watchdog Oscillator will still be used for the
Watchdog Timer and for the Reset Time-out. For more information on the pre-programmed cali-
bration value, see the section ”Calibration Byte” on page 294.
Notes:
1. This is the recommended CKSEL settings for the different frequency ranges.
2. If 8 MHz frequency exceeds the specification of the device (depends on VCC), the CKDIV8
Fuse can be programmed in order to divide the internal frequency by 8.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as shown in
Table 9-12 on page 34.
Note:
1. If the RSTDISBL fuse is programmed, this start-up time will be increased to
14CK + 4.1 ms to ensure programming mode can be entered.
2.
The device is shipped with this option selected.
Table 9-10.
Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
CKSEL[3:0]
Start-up Time from
Power-down and Power-save
Recommended Usage
0100(1)
1K CK
0101
32K CK
Stable frequency at start-up
Table 9-11.
Internal Calibrated RC Oscillator Operating Modes
(2)
Frequency Range(1) (MHz)
CKSEL[3:0]
7.3 - 8.1
0010
Table 9-12.
Start-up times for the internal calibrated RC Oscillator clock selection
Power Conditions
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset (V
CC = 5.0V)
SUT[1:0]
BOD enabled
6 CK
14CK(1)
00
Fast rising power
6 CK
14CK + 4.1 ms
01
Slowly rising power
6 CK
14CK + 65 ms(2)
10
Reserved
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com