Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48P Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATMEGA48P
Description  High Endurance Non-volatile Memory Segments
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48P Datasheet(HTML) 4 Page - ATMEL Corporation

  ATMEGA48P Datasheet HTML 1Page - ATMEL Corporation ATMEGA48P Datasheet HTML 2Page - ATMEL Corporation ATMEGA48P Datasheet HTML 3Page - ATMEL Corporation ATMEGA48P Datasheet HTML 4Page - ATMEL Corporation ATMEGA48P Datasheet HTML 5Page - ATMEL Corporation ATMEGA48P Datasheet HTML 6Page - ATMEL Corporation ATMEGA48P Datasheet HTML 7Page - ATMEL Corporation ATMEGA48P Datasheet HTML 8Page - ATMEL Corporation ATMEGA48P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 420 page
background image
4
8025M–AVR–6/11
ATmega48P/88P/168P
The various special features of Port D are elaborated in ”Alternate Functions of Port D” on page
86.
1.1.7
AV
CC
AV
CC is the supply voltage pin for the A/D Converter, PC3:0, and ADC7:6. It should be externally
connected to V
CC, even if the ADC is not used. If the ADC is used, it should be connected to VCC
through a low-pass filter. Note that PC6:4 use digital supply voltage, V
CC.
1.1.8
AREF
AREF is the analog reference pin for the A/D Converter.
1.1.9
ADC7:6 (TQFP and QFN/MLF Package Only)
In the TQFP and QFN/MLF package, ADC7:6 serve as analog inputs to the A/D converter.
These pins are powered from the analog supply and serve as 10-bit ADC channels.
2.
Overview
The ATmega48P/88P/168P is a low-power CMOS 8-bit microcontroller based on the AVR
enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the
ATmega48P/88P/168P achieves throughputs approaching 1 MIPS per MHz allowing the system
designer to optimize power consumption versus processing speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com