Electronic Components Datasheet Search
  English  ▼

X  

ICS525-01RI Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS525-01RI
Description  OSCaR??User Configurable Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01RI Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS525-01RI Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICS525-01/02
OSCaR™ User Configurable Clock
MDS 525-01/02 I
5
Revision 071100
Printed 11/13/00
Integrated Circuit Systems, Inc. • 525 Race Street •San Jose• CA • 95126•(408) 295-9800tel• www.icst.com
The dividers are expressed as integers, so that if a 66.66 MHz output is desired from a 14.31818 input, the
Reference Divider Word (RDW) should be 59, and the VCO Divider Word (VDW) should be 276, with
an Output divider (OD) of 2. In this example, R6:R0 is 0111011, V8:V0 is 100010100, and S2:S0 is 001.
Since all of these inputs have pull-up resistors, it is only necessary to ground the zero pins, namely V7, V6,
V5, V3, V1, V0, R6, R2, S2, and S1.
To determine the best combination of VCO, reference, and output divider, use the ICS525 Calculator on
our Web site: http://www.icst.com/products/ics525inputForm.html. This online form is easy to use and
quickly shows you up to three options for these settings.
You may also fax this page to MicroClock/ICS at 408 295 9818(fax), or contact us via our website at
www.icst.com. Be sure to indicate the following:
Your Name ________________ Company Name___________________ Telephone_________________
Respond by e-mail (list your e-mail address) __________________or fax number ___________________
Desired input crystal/clock (in MHz) _______________ Desired output frequency________________
VDD = 3.3V or 5V ___________
Duty Cycle: 40-60% _______ or 45-55% required________



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com