Electronic Components Datasheet Search
  English  ▼

X  

ICS525-01RI Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS525-01RI
Description  OSCaR??User Configurable Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01RI Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS525-01RI Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ICS525-01/02
OSCaR™ User Configurable Clock
MDS 525-01/02 I
6
Revision 071100
Printed 11/13/00
Integrated Circuit Systems, Inc. • 525 Race Street •San Jose• CA • 95126•(408) 295-9800tel• www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (stresses be oond these can permanentl d
damage the devvice)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
Commercial
0
70
°C
Industrial
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage Temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V unless oth
herwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input High Voltage, VIH, X1/ICLK only
ICLK (Pin 7)
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL, X1/ICLK only
ICLK (Pin 7)
VDD/2
(VDD/2)-1
V
Output High Voltage, VOH
IOH = -12 mA
VDD-0.4
V
Output Low Voltage, VOL
IOL=12 mA
0.4
V
IDD Operating Supply Current, 15 MHz crystal
60MHz out, No Load
8
mA
IDD Operating Supply Current, Power Down
Pin 19=0
7
µA
Short Circuit Current
CLK and REF outputs
±55
mA
On-Chip Pull-up Resistor
All V, R, S pins and pin 19
270
k
Ω
Input Capacitance
All V, R, S pins and pin 19
4
pF
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com