Electronic Components Datasheet Search
  English  ▼

X  

ICS525-01RI Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS525-01RI
Description  OSCaR??User Configurable Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01RI Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS525-01RI Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01RI Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ICS525-01/02
OSCaR™ User Configurable Clock
MDS 525-01/02 I
7
Revision 071100
Printed 11/13/00
Integrated Circuit Systems, Inc. • 525 Race Street •San Jose• CA • 95126•(408) 295-9800tel• www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
AC CHARACTERISTICS (VDD = 3.3 V unless oth
herwise noted)
Input Frequency, crystal input
5
27
MHz
Input Frequency, clock input
0.5
50
MHz
Output Frequency, VDD = 4.5 to 5.5V
0 °C to 70 °C
1
160
ICS525-01, note 1
-40 °C to +85 °C
1
140
MHz
Output Frequency, VDD = 3.0 to 3.6V
0 °C to 70 °C
1
100
ICS525-01, note 1
-40 °C to +85 °C
1
90
MHz
Output Frequency, VDD = 4.5 to 5.5V
ICS525-02, note 1
-40 °C to +85 °C
1.5
250
MHz
Output Frequency, VDD = 3.0 to 3.6V
ICS525-02, note 1
-40 °C to +85 °C
1
200
MHz
Output Clock Rise Time
0.8 to 2.0V
1
ns
Output Clock Fall Time
2.0 to 0.8V
1
ns
Output Clock Duty Cycle, OD = 2, 4, 6, 8, or 10
at VDD/2
45
49 to 51
55
%
Output Clock Duty Cycle, OD = 3, 5, 7, or 9
at VDD/2
40
60
%
Output Clock Duty Cycle, OD = 1 (-02 only)
at VDD/2
35
65
Power Down Time, PD low to clocks stopped
50
ns
Power Up Time, PD high to clocks stable
10
ms
Absolute Clock Period Jitter, ICS525-01, Note 2
Deviation from mean
±140
ps
One Sigma Clock Period Jitter, ICS525-01, Note 2 One Sigma
45
ps
Absolute Clock Period Jitter, ICS525-02, Note 2
Deviation from mean
±85
ps
One Sigma Clock Period Jitter, ICS525-02, Note 2 One Sigma
30
ps
Electrical Specifications (cont.)
Note 1: The phase relationship between input and output can change at power up. For a fixed phase
relationship see the ICS527.
Note 2: For 16 MHz input, 100 MHz output. Use the -02 for lowest jitter.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com