Electronic Components Datasheet Search
  English  ▼

X  

ICS9112-18 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9112-18
Description  Zero Delay, Low Skew Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112-18 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9112-18 Datasheet HTML 1Page - Integrated Circuit Systems ICS9112-18 Datasheet HTML 2Page - Integrated Circuit Systems ICS9112-18 Datasheet HTML 3Page - Integrated Circuit Systems ICS9112-18 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS9112-18
Zero Delay, Low Skew Buffer
MDS 9112-18 F
2
Revision 050400
Printed 11/15/00
Integrated Circuit Systems, Inc.• 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
Pin Descriptions
Key: I = Input; O = output; P = power supply connection.
Pin Assignment
ICS9112-18
External Components
The ICS9112-18 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.1µF should be connected between VDD and GND on pins 4 and 5, and VDD and GND
on pins 13 and 12, as close to the device as possible. A series termination resistor of 33
Ω may be used close
to the pin for each clock output to reduce reflections.
16
15
14
13
16 pin narrow (150 mil) SOIC
12
11
10
9
1
2
3
4
5
6
7
8
CLKA1
GND
FBIN
CLKIN
VDD
S2
CLKB1
CLKB2
VDD
GND
CLKB3
S1
CLKB4
CLKA4
CLKA3
CLKA2
S2
S1
Clocks A1-A4
Clocks B1-B4
Internal Generation
PLL Status
0
0
Tri-state (high impedance)
Tri-state (high impedance)
None
On
0
1
Running
Tri-state (high impedance)
PLL
On
1
0
Running
Running
Buffer Only (no zero delay)
Off
1
1
Running
Running
PLL
On
Feedback From
CLKA1:A4
CLKB1:B4
Bank A
CLKIN
CLKIN/2
Bank B
2XCLKIN
CLKIN
Number
Name
Type
Description
1
CLKIN
I
CLocK INput. Connect to input clock source.
2, 3, 14, 15
CLKA1:4
O
CLocK A bank of four outputs.
4, 13
VDD
P
Power supply. Connect both pins to same voltage (either 3.3V or 5V).
5, 12
GND
P
Connect to ground.
6, 7, 10, 11
CLKB1:4
O
CLocK B bank of four outputs. These are low skew divide by two of bank A.
8
S2
I
Select input #2. Selects mode for outputs per table above.
9
S1
I
Select input #1. Selects mode for outputs per table above.
16
FBIN
I
FeedBack INput. Determines outputs per Feedback Configuration Table above.
Output Clock Mode Select Table
Feedback Configuration Table



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com