Electronic Components Datasheet Search
  English  ▼

X  

ICS9112-18 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9112-18
Description  Zero Delay, Low Skew Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112-18 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9112-18 Datasheet HTML 1Page - Integrated Circuit Systems ICS9112-18 Datasheet HTML 2Page - Integrated Circuit Systems ICS9112-18 Datasheet HTML 3Page - Integrated Circuit Systems ICS9112-18 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS9112-18
Zero Delay, Low Skew Buffer
MDS 9112-18 F
1
Revision 050400
Printed 11/15/00
Integrated Circuit Systems, Inc.• 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
Block Diagram
Description
Features
The ICS9112-18 is a low jitter, low-skew, high
performance PLL based zero delay buffer for high
speed applications. Based on ICS’s proprietary low
jitter Phase Locked Loop (PLL) techniques, the
device provides eight low skew outputs at speeds
up to 160 MHz at 3.3 V. The ICS9112-18
includes a bank of four outputs running at 1X, and
another four outputs running at 1/2X. In the zero
delay mode, the rising edge of the input clock is
aligned with the rising edges of all eight outputs.
Compared to competitive CMOS devices, the
ICS9112-18 has the lowest jitter of all.
ICS manufactures the largest variety of clock
generators and buffers, and is the largest clock
supplier in the world.
• Packaged in 16 pin narrow SOIC
• Zero input-output delay
• Four 1X outputs plus four half-X outputs
• Output to output skew is less than 250 ps
• Output clocks up to 160 MHz at 3.3 V
• Ability to generate 2X the input
• Full CMOS outputs with 18 mA output drive
capability at TTL levels at 3.3 V
• Spread Smart™ technology works with spread
spectrum clock generators
• Advanced, low power, sub-micron CMOS process
• 3.0 to 5.5 V operating voltage
PLL
CLKA1
FBIN
Mux
CLKA2
S2, S1
2
÷ 2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Control
Logic
CLKIN


Similar Part No. - ICS9112-18

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-16 ICST-ICS9112-16 Datasheet
119Kb / 7P
Low Skew Output Buffer
Rev F 10/20/00
ICS9112-17 ICST-ICS9112-17 Datasheet
151Kb / 8P
Low Skew Output Buffer
Rev G 10/20/00
More results

Similar Description - ICS9112-18

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
ICS671-15 ICST-ICS671-15 Datasheet
137Kb / 6P
ZERO DELAY, LOW SKEW BUFFER
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
ZERO DELAY, LOW SKEW BUFFER
Revision 050306
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com