Electronic Components Datasheet Search
  English  ▼

X  

ICS9112-18 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9112-18
Description  Zero Delay, Low Skew Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112-18 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9112-18 Datasheet HTML 1Page - Integrated Circuit Systems ICS9112-18 Datasheet HTML 2Page - Integrated Circuit Systems ICS9112-18 Datasheet HTML 3Page - Integrated Circuit Systems ICS9112-18 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS9112-18
Zero Delay, Low Skew Buffer
MDS 9112-18 F
3
Revision 050400
Printed 11/15/00
Integrated Circuit Systems, Inc.• 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
-0.5
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Electrostatic Discharge
MIL-STD-883
2000
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Junction temperature
150
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
DC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
DC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
Operating Voltage, VDD
3.00
5.50
V
Input High Voltage, VIH, CLKIN pin only
VDD/2+1
VDD/2
V
Input Low Voltage, VIL, CLKIN pin only
VDD/2
VDD/2-1
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Output High Voltage, VOH
IOH=-18 mA
2.4
V
Output Low Voltage, VOL
IOL=18 mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-5 mA
VDD-0.4
V
Operating Supply Current, IDD (Note 2)
No Load, S1 = S2 = 1
44
mA
Short Circuit Current
Each output
±65
mA
Input Capacitance
S2, S1, FBIN
7
pF
AC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
AC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
AC CHARACTERISTICS (VDD = 3.3 V unless specified otherwise)
Input Clock Frequency
FBIN to CLKA1, S1=S2=1
20
160
MHz
Output Clock Frequency
FBIN to CLKA1, S1=S2=1
20
160
MHz
Output Clock Rise Time, CL=30pF
0.8 to 2.0V
1.5
ns
Output Clock Fall Time, CL=30pF
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle, VDD=3.3V
At 1.4V
40
50
60
%
Device to Device Skew, equally loaded
rising edges at VDD/2
700
ps
Output to Output Skew, equally loaded
rising edges at VDD/2
250
ps
Maximum Absolute Jitter
300
ps
Cycle to Cycle Jitter, 30pF loads
66.67 MHz outputs
500
ps
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. With CLKIN = 160 MHz, FBIN to CLKA1
Using Spread Spectrum Input Clocks
The ICS9112-18 uses ICS’ Spread Smart technology, allowing it to accurately track (pass through) any
clocks that use spread spectrum techniques.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com