Electronic Components Datasheet Search
  English  ▼

X  

ICS9112-27 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9112-27
Description  Low Skew PCI / PCI-X Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112-27 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9112-27 Datasheet HTML 1Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 2Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 3Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 4Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 5Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 6Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 7Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9112-27
Preliminary Product Preview
Absolute Maximum Ratings
Supply voltage range VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.3 V
Input voltage rangeVI (see notes 1 & 2) . . . . . . . . . . . . -0.5V to VDD + 0.5V
Output voltage range VO (see notes 1 & 2) . . . . . . . . . -0.5V to VDD + 0.5V
Input clamp current IIK (VI< 0 or VI >VDD) . . . . . . . . . . . . . . . . . . . ±50 mA
Output clamp current IOK (VO< 0 or VO) . . . . . . . . . . . . . . . . . . . . . . ±50 mA
Continuous total output current, IO (VO = 0 to VDD) . . . . . . . . . . . ±50 mA
Package thermal impedance ØJA (see note 3): PW package . . . 230.5°C/W
Storage temperature rante, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to 150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Notes:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 4.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.
s
n
o
i
t
c
n
u
F
l
a
n
i
m
r
e
T
l
a
n
i
m
r
e
To
NO
/
In
o
i
t
p
i
r
c
s
e
D
)
0
-
3
(
K
L
C3
,
5
,
7
,
8O
s
k
c
o
l
c
t
u
p
t
u
o
d
e
r
e
f
f
u
B
N
I
K
L
C1
I
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
I
D
N
G4
R
W
Pd
n
u
o
r
G
E
O2
I
l
o
r
t
n
o
c
e
l
b
a
n
e
s
t
u
p
t
u
O
V D
D
V
3
.
36
R
W
Py
l
p
p
u
s
V
3
.
3
s
n
o
i
t
i
d
n
o
C
g
n
i
t
a
r
e
p
O
d
e
d
n
e
m
m
o
c
e
R
n
i
Mm
o
Nx
a
Mt
i
n
U
V
,
e
g
a
t
l
o
v
y
l
p
p
u
S
D
D
33
.
36
.
3V
V
,
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
-
h
g
i
H
H
I
7
.
0 XV D
D
V
V
,
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
-
w
o
L
L
I
3
.
0 XV D
D
V
V
,
e
g
a
t
l
o
v
t
u
p
n
I
I
0V D
D
V
I
,
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
H
H
O
4
2
-A
m
I
,
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
w
o
L
L
O
4
2A
m
T
,
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
O
A
0
4
-5
8C
°
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
o
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
f
o
s
e
g
n
a
r
d
e
d
n
e
m
m
o
c
e
r
r
e
v
o
s
t
n
e
m
e
r
i
u
q
e
r
g
n
i
m
i
T
n
i
Mm
o
Nx
a
Mt
i
n
U
f
y
c
n
e
u
q
e
r
f
k
c
o
l
C
K
L
C
00
4
1z
H
M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com