Electronic Components Datasheet Search
  English  ▼

X  

ICS9112-27 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9112-27
Description  Low Skew PCI / PCI-X Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112-27 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9112-27 Datasheet HTML 1Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 2Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 3Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 4Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 5Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 6Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 7Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ICS9112-27
Preliminary Product Preview
)
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
(
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
o
d
e
d
n
e
m
m
o
c
e
r
r
e
v
o
s
c
i
t
s
i
r
e
t
c
a
r
a
h
c
l
a
c
i
r
t
c
e
l
E
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mm
o
Nx
a
Mt
i
n
U
V
e
g
a
t
l
o
v
t
u
p
n
I
K
I
V D
D
I
,
V
3
.
3
=
I
A
m
8
1
=2
.
1
-V
V
e
g
a
t
l
o
v
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
H
H
O
V D
D
I
,
x
a
m
o
t
n
i
m
=
H
O
A
m
1
-
=V D
D
2
.
0
-V
V D
D
I
V
3
=
H
O
A
m
4
2
=2
V
V D
D
I
V
3
=
H
O
A
m
2
1
=4
.
2V
V
e
g
a
t
l
o
v
t
u
p
t
u
o
l
e
v
e
l
-
w
o
L
L
O
V D
D
I
,
x
a
m
o
t
n
i
m
=
L
O
A
m
1
-
=2
.
0V
V D
D
I
V
3
=
L
O
A
m
4
2
=8
.
0V
V D
D
I
V
3
=
L
O
A
m
2
1
=5
5
.
0V
I
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
H
H
O
V D
D
V
V
3
=
O
V
1
=0
5
-A
m
V D
D
V
V
3
.
3
=
O
V
5
6
.
1
=5
5
-A
m
I
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
w
o
L
L
O
V D
D
V
V
3
=
O
V
2
=0
6A
m
V D
D
V
V
3
.
3
=
O
V
5
6
.
1
=0
7A
m
I
t
n
e
r
r
u
c
t
u
p
n
I
I
VI
V
=
O
V
r
o
D
D
5
±A
µ
I
5
e
r
u
g
i
f
e
e
s
,
t
n
e
r
r
u
C
c
i
m
a
n
y
D
D
D
z
H
M
7
6
=
f7
3A
m
C
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
i
V D
D
V
V
3
.
3
=
I
V
r
o
V
0
=
D
D
3F
p
C
e
c
n
a
t
i
c
a
p
a
c
t
u
p
t
u
O
o
V D
D
V
V
3
.
3
=
I
V
r
o
V
0
=
D
D
2
.
3F
p
,
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
o
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
f
o
s
e
g
n
a
r
d
e
d
n
e
m
m
o
c
e
r
r
e
v
o
s
c
i
t
s
i
r
e
t
c
a
r
a
h
c
g
n
i
h
c
t
i
w
S
)
2
d
n
a
1
s
e
r
u
g
i
f
d
n
a
6
e
t
o
n
e
e
s
(
V
3
.
3
=
D
D
V
,
F
p
5
2
=
L
C
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mm
o
Nx
a
Mt
i
n
U
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
p
w
o
l
-
o
t
-
h
g
i
H
H
L
P
2
d
n
a
1
s
e
r
u
g
i
f
e
e
S
8
.
15
.
23
s
n
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
p
h
g
i
h
-
o
t
-
w
o
L
L
H
P
8
.
14
.
23
s
n
T
)
4
e
t
o
n
e
e
s
(
w
e
k
s
t
u
p
t
u
O
O
(
K
S
)0
0
1s
p
t
w
e
k
s
e
s
l
u
P
)
P
(
K
S
V H
I
V
=
D
D
V
,
L
I
V
0
=0
5
1s
p
T
w
e
k
s
s
s
e
c
o
r
P
)
R
P
(
K
S
s
n
T
4
e
r
u
g
i
f
e
e
s
,
e
m
i
t
h
g
i
h
K
L
C
h
g
i
h
z
H
M
6
66
s
n
z
H
M
0
4
13
T
4
e
r
u
g
i
f
e
e
s
,
e
m
i
t
w
o
l
K
L
C
w
o
l
z
H
M
6
66
s
n
z
H
M
0
4
13
T
‡
e
t
a
r
w
e
l
s
e
s
i
r
t
u
p
t
u
O
r
V
2
.
0
D
D
V
6
.
0
o
t
D
D
5
.
17
.
24
s
n
/
V
T
‡
e
t
a
r
w
e
l
s
l
l
a
f
t
u
p
t
u
O
f
V
6
.
0
D
D
V
2
.
0
o
t
D
D
5
.
17
.
24
s
n
/
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com