Electronic Components Datasheet Search
  English  ▼

X  

ICS9112-27 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9112-27
Description  Low Skew PCI / PCI-X Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112-27 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS9112-27 Datasheet HTML 1Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 2Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 3Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 4Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 5Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 6Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 7Page - Integrated Circuit Systems ICS9112-27 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ICS9112-27
Preliminary Product Preview
4.40 mm. Body, 0.65 mm. pitch TSSOP
(173 mil)
(0.0256 mil)
Ordering Information
ICS9112yG-27-T
Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
G=TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y G - PPP - T
MIN
MAX
MIN
MAX
A
-
1.20
-
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
0.65 BASIC
0.0256 BASIC
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
-
0.10
-
.004
VARIATIONS
MIN
MAX
MIN
MAX
82.90
3.10
.114
.122
MO-153 JEDEC
Doc.# 10-0038
7/6/00 Rev B
N
D mm.
D (inch)
SEE VARIATIONS
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
In Millimeters
COMMON DIMENSIONS
In Inches
COMMON DIMENSIONS
SEE VARIATIONS
6.40 BASIC
0.252 BASIC
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com