Electronic Components Datasheet Search
  English  ▼

X  

AD671 Datasheet(PDF) 13 Page - Analog Devices

Part # AD671
Description  Monolithic 12-Bit 2 MHz A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD671 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD671_15 Datasheet HTML 8Page - Analog Devices AD671_15 Datasheet HTML 9Page - Analog Devices AD671_15 Datasheet HTML 10Page - Analog Devices AD671_15 Datasheet HTML 11Page - Analog Devices AD671_15 Datasheet HTML 12Page - Analog Devices AD671_15 Datasheet HTML 13Page - Analog Devices AD671_15 Datasheet HTML 14Page - Analog Devices AD671_15 Datasheet HTML 15Page - Analog Devices AD671_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD671
REV. B
–13–
Figure 17. Typical FFT Plot of AD671 and Discrete SHA
FIN = 500 kHz
DYNAMIC CHARACTERISTICS
(@ +25
°C, tested using the discrete SHA in Figure 15 with V
CC = +5 V,
VLOGIC = +5 V, VEE = –5 V, fSAMPLE = 1 MSPS)
1
Model
AD671JD-500
Typ
Units
Effective Number of Bits (ENOB)
FIN = 100 kHz
11.3
Bits
FIN = 490 kHz
11.2
Bits
Signal-to-Noise and Distortion (S/N+D) Ratio
FIN = 100 kHz
70
dB
FIN = 490 kHz
68
dB
Total Harmonic Distortion (THD)
FIN = 100 kHz
–80
dB
FIN = 490 kHz
–75
dB
Peak Spurious (dc to 490 kHz)
–79
dB
Peak Harmonic Component (dc to 490 kHz)
–76
dB
NOTE
1f
IN amplitude = –0.2 dB @ 100 kHz and –0.9 dB @ 490 kHz, bipolar mode
unless otherwise indicated. See Definition of Specifications for additional
information.
MULTICHANNNEL DATA ACQUISITION SYSTEM
The AD684, a quad high speed sample-and-hold amplifier is
ideally suited for multichannel data acquisition applications.
Figure 18 shows a typical data acquisition circuit using the
AD684 (SHA), ADG201HS (Multiplexer), AD588 (Reference)
and the AD671. The AD684 is configured to simultaneously
sample four analog inputs. Each held analog input voltage can
be selected by the multiplexer and buffered by the AD841. The
AD671 is connected in the bipolar input range (
±5 V).
Figure 18. Data Acquisition System Using the AD684 and the AD671
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com