Electronic Components Datasheet Search
  English  ▼

X  

AD671 Datasheet(PDF) 16 Page - Analog Devices

Part # AD671
Description  Monolithic 12-Bit 2 MHz A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD671 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD671_15 Datasheet HTML 8Page - Analog Devices AD671_15 Datasheet HTML 9Page - Analog Devices AD671_15 Datasheet HTML 10Page - Analog Devices AD671_15 Datasheet HTML 11Page - Analog Devices AD671_15 Datasheet HTML 12Page - Analog Devices AD671_15 Datasheet HTML 13Page - Analog Devices AD671_15 Datasheet HTML 14Page - Analog Devices AD671_15 Datasheet HTML 15Page - Analog Devices AD671_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD671
REV. B
–16–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Pin Plastic DIP (Suffix N)
24-Pin Ceramic DIP (Suffix D)
PIN 1
0.295
0.01
(7.49
0.26)
1
0.175
(4.45)
0.018
0.002
(0.46
0.05)
TYP
1.200
0.012
(30.48
0.31)
0.05 (1.27)
TYP
SEATING
PLANE
0.100
0.005
(2.54
0.13)
0.300
0.010
(7.49
0.25)
0.010
+ 0.002
–0.001
(
0.025
+ 0.05
)
–0.03
0.085
0.009
(2.16
0.23)
1.100
0.005
(27.94
0.13)
TOLL NON ACCUM
NOTES
1. LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH.
2. CERAMIC DIP LEADS WILL BE EITHER GOLD OR TIN PLATED
IN ACCORDANCE WITH MIL-M-385 TO REQUIREMENTS.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com