Electronic Components Datasheet Search
  English  ▼

X  

AD671 Datasheet(PDF) 3 Page - Analog Devices

Part # AD671
Description  Monolithic 12-Bit 2 MHz A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD671 Datasheet(HTML) 3 Page - Analog Devices

  AD671_15 Datasheet HTML 1Page - Analog Devices AD671_15 Datasheet HTML 2Page - Analog Devices AD671_15 Datasheet HTML 3Page - Analog Devices AD671_15 Datasheet HTML 4Page - Analog Devices AD671_15 Datasheet HTML 5Page - Analog Devices AD671_15 Datasheet HTML 6Page - Analog Devices AD671_15 Datasheet HTML 7Page - Analog Devices AD671_15 Datasheet HTML 8Page - Analog Devices AD671_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD671J/S-750
AD671K-750
Parameter
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
12
12
Bits
ACCURACY (+25
°C)
Integral Nonlinearity (INL)
TMIN to TMAX (J)
2
1.5
LSB
TMIN to TMAX (S)
2.5
LSB
Differential Nonlinearity (DNL)
TMIN to TMAX
11
12
Bits
No Missing Codes
11 Bits Guaranteed
12 Bits Guaranteed
Unipolar Offset
l
4
4
LSB
Bipolar Zerol
10
10
LSB
Gain Error
2
0.1
0.25
0.1
0.25
% FSR
TEMPERATURE COEFFICIENTS
3
Unipolar Offset
10
10
ppm/
°C
Bipolar Zero
15
15
ppm/
°C
Gain Error
20
20
ppm/
°C
ANALOG INPUT
Input Ranges
Bipolar
–5
+5
–5
+5
Volts
Unipolar
0+5
0
+5
Volts
0
+10
0
+10
Volts
Input Resistance
10 Volt Range
1.0
1.5
2.0
1.0
1.5
2.0
k
Ω
5 Volt Range
0.5
0.75
1.0
0.5
0.75
1.0
k
Ω
Input Capacitance
10
10
pF
Reference Input Resistance
2.4
3.5
4.7
2.4
3.5
4.7
k
Ω
POWER SUPPLIES
Power Supply Rejection4
VCC (+5 V
± 0.25 V)
1
1
LSB
VLOGIC (+5 V
± 0.5 V)
1
1
LSB
VEE (–5 V ± 0.25 V)
1
1
LSB
Operating Voltages
Vcc
+4.75
+5.25
+4.75
+5.25
Volts
VLOGIC
+4.5
+5.5
+4.5
+5.5
Volts
VEE
–5.25
–4.75
–5.25
–4.75
Volts
Operating Current
ICC
46
56
46
56
mA
ILOGIC
5
3
6
3
6
mA
IEE
46
56
46
56
mA
POWER CONSUMPTION
475
621
475
621
mW
TEMPERATURE RANGE
Specified (J/K)
0
+70
0
+70
°C
Specified (S)
–55
+125
°C
NOTES
1Adjustable to zero with external potentiometers. See Offset/Gain Calibration section for additional information.
2Full-scale range (FSR) is 5 V for the 0 V to 5 V range and 10 V for the 0 V to 10 V and –5 V to +5 V ranges.
325
°C to T
MIN and 25
°C to T
MAX.
4Change in gain error as a function of the dc supply voltage.
5Tested under static conditions. See Figure 12 for typical curves of I
LOGIC vs. Conversion Rate and Output Loading.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all devices at final electrical test with worst case supply voltages at 0, +25
°C and +70°C. Results from those tests are
used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested.
AD671
DC SPECIFICATIONS
(TMIN to TMAX with VCC = +5 V
5%, VLOGIC = +5 V
10%, VEE = –5 V
5%, VREF = +5.000 V,
unless otherwise noted)
REV. B
–3–
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com