Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-11 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9148-11
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-11 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9148-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 9Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 10Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 11Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 12Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 13Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ICS9148-11
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -11 mA
2.6
3.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.15
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-65
-54
mA
Output Low Current
IOL1
VOL = 0.8 V
40
54
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1.5
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1.4
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
50
55
%
Skew
tsk1
1
VT = 1.5 V
200
500
ps
Jitter
tj1s1
1
VT = 1.5 V
10
150
ps
tjabs1
1
VT = 1.5 V
-250
65
250
ps
1
Guarenteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 20 - 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP3
1
VO = VDD*(0.5)
10
24
Ω
Output Impedance
RDSN3
1
VO = VDD*(0.5)
10
24
Ω
Output High Voltage
VOH3
IOH = -30 mA
2.6
2.8
V
Output Low Voltage
VOL3
IOL = 23 mA
0.3
0.4
V
Output High Current
IOH3
VOH = 2.0 V
-67
-54
mA
Output Low Current
IOL3
VOL = 0.8 V
40
55
mA
Rise Time
Tr3
1
VOL = 0.4 V, VOH = 2.4 V
1.5
2
ns
Fall Time
Tf3
1
VOH = 2.4 V, VOL = 0.4 V
1.4
2
ns
Duty Cycle
Dt3
1
VT = 1.5 V
45
50
55
%
Skew
Tsk3
1
VT = 1.5 V
200
500
ps
Jitter
Tj1s3
1
VT = 1.5 V
50
150
ps
Tjabs3
1
VT = 1.5 V
-250
100
250
ps
1
Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com