Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-11 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9148-11
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-11 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9148-11 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-11 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ICS9148-11
Pin Descriptions
Power Groups
VDD1 = REF0, X1, X2
VDD2 = PCICLK_F, PCICLK (0:5)
VDD3 = SDRAM (0:4) (8:11) SDRAM5/PWR_DWN#,
SDRAM6/CPU_STOP#, SDRAM7/PCI_STOP#, supply for PLL Core.
VDDL1 = IOAPIC (0:1)
VDDL2 = CPUCLK (0:3)
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
2
REF0
OUT
14.318 MHz reference clock outputs.
3, 9, 16, 22, 27,
33, 39, 45
GND
PWR
Ground.
4X1
IN
XTAL_IN 14.318MHz Crystal input, has internal 33pF load cap and feed
back resistor from X2
5
X2
OUT
XTAL_OUT Crystal output, has internal load cap 33pF
25
MODE
IN
Mode select pin for enabling power management features.
7
PCLK_F
OUT
Free running BUS clock during PCI_STOP# = 0.
8, 10, 11, 12
13, 15
PCICLK (0:5)
OUT
BUS clock outputs.
26
OE
IN
Logic input for output enable, tristates all outputs when low.
23
SDATA
IN
Serial data in for serial config port.
24
SCLK
IN
Clock input for serial config port.
1, 6, 14,
19, 30, 36,
VDD1, VDD2,
VDD3
PWR
Nominal 3.3V power supply, see power groups for function.
17, 18, 20, 21,
32, 34, 35, 37, 38
SDRAM
(0:4) (8:11)
OUT
SDRAM clocks 66.6MHz.
42, 48
VDDL2, VDDL1
PWR
CPU and IOAPIC clock power supply, either
2.5 or 3.3V nominal
40, 41, 43, 44
CPUCLK (0:3)
OUT
CPU output clocks, powered by VDDL2 (66.6 MHz)
46, 47
IOAPIC (0:1)
OUT
IOAPIC clock output, (14.318 MHz) powered by VDDL1
28
SDRAM7
OUT
SDRAM clock 66.6 MHz selected
PCI_STOP#
IN
Halts PCICLK (0:5) at logic "0" level when low
29
SDRAM6
OUT
SDRAM clock 66.6 MHz selected
CPU_STOP#
IN
Halts CPUCLK clocks at logic "0" level when low
31
SDRAM5
OUT
SDRAM clock 66.6 MHz selected
PWR_DWN#
IN
Powers down chip, active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com