Electronic Components Datasheet Search
  English  ▼

X  

FTN59 Datasheet(PDF) 3 Page - Tyco Electronics

Part # FTN59
Description  Quick Reference Guide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FTN59 Datasheet(HTML) 3 Page - Tyco Electronics

  FTN59 Datasheet HTML 1Page - Tyco Electronics FTN59 Datasheet HTML 2Page - Tyco Electronics FTN59 Datasheet HTML 3Page - Tyco Electronics FTN59 Datasheet HTML 4Page - Tyco Electronics FTN59 Datasheet HTML 5Page - Tyco Electronics FTN59 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Code 0 — Standard Toggle
Code 9 — Leadwire Hooking Type
Code 7 — Long Flat Toggle
Code 5 — Locking Lever
Actuator
Terminal
6.2
Ø 12.0
Ø 6.2
Ø 2.2
Ring
Panel Cutout
Using Ring
1 Thick
2.5
0.7
Ø 6.2
Recommended Hole Layout to Prevent Rotation
Mounting — F Series Toggles
GoLD CoNTACTS 0.4 VA MAx. AT 20 V AC/DC
Product Key
Poles
Switch Function
Actuator
Terminal
Contacts
Part Number
FTD09G04
1 pole
ON-ON
Standard
Leadwire Hooking Type
Gold
3-6437630-4
FTD59G04
1 pole
ON-ON
Locking Lever
Leadwire Hooking Type
Gold
4-6437630-0
FTD79G04
1 pole
ON-ON
Flat Toggle
Leadwire Hooking Type
Gold
5-6437630-4
FTE09G04
1 pole
ON-OFF-ON
Standard
Leadwire Hooking Type
Gold
5-6437630-1
FTE79G04
1 pole
ON-OFF-ON
Flat Toggle
Leadwire Hooking Type
Gold
5-6437630-8
FTF09G04
1 pole
ON-(ON)
Standard
Leadwire Hooking Type
Gold
6-6437630-3
FTG09G04
1 pole
(ON)-OFF-(ON)
Standard
Leadwire Hooking Type
Gold
3-6437630-8
FTH09G04
1 pole
ON-OFF-(ON)
Standard
Leadwire Hooking Type
Gold
6-6437630-4
FTN09G04
2 poles
ON-ON
Standard
Leadwire Hooking Type
Gold
6-6437630-8
FTN59G04
2 poles
ON-ON
Locking Lever
Leadwire Hooking Type
Gold
6-6437630-1
FTN79G04
2 poles
ON-ON
Flat Toggle
Leadwire Hooking Type
Gold
5-6437630-9
te.com/products/switches
F Series Switches
TE Connectivity



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com