Electronic Components Datasheet Search
  English  ▼

X  

FTN59 Datasheet(PDF) 5 Page - Tyco Electronics

Part # FTN59
Description  Quick Reference Guide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FTN59 Datasheet(HTML) 5 Page - Tyco Electronics

  FTN59 Datasheet HTML 1Page - Tyco Electronics FTN59 Datasheet HTML 2Page - Tyco Electronics FTN59 Datasheet HTML 3Page - Tyco Electronics FTN59 Datasheet HTML 4Page - Tyco Electronics FTN59 Datasheet HTML 5Page - Tyco Electronics FTN59 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Code 1 — Long Rocker
Actuator
15.9
13.0
Panel Cutout
Thickness 1 to 2.5 mm
Mounting — F Series Rocker
Code 2 — Small Rocker
RoCkeR
Product Key
Poles
Switch Function
Actuator
Actuator Color
Terminal
Contacts
Part Number
FLD19black04
1 Pole
ON-ON
Long Rocker
Black
Leadwire Hooking Type
Silver
3-6437630-2
FLD29black04
1 Pole
ON-ON
Small Rocker
Black
Leadwire Hooking Type
Silver
2-6437630-9
FLN19black04
2 Poles
ON-ON
Long Rocker
Black
Leadwire Hooking Type
Silver
3-6437630-7
FLN29red04
2 Poles
ON-ON
Long Rocker
Red
Leadwire Hooking Type
Silver
2-6437630-7
FLN19white04
2 Poles
ON-ON
Long Rocker
White
Leadwire Hooking Type
Silver
2-6437630-6
FLN29black04
2 Poles
ON-ON
Small Rocker
Black
Leadwire Hooking Type
Silver
2-6437630-5
FLN29red04
2 Poles
ON-ON
Small Rocker
Red
Leadwire Hooking Type
Silver
4-6437630-7
FLN29white04
2 Poles
ON-ON
Small Rocker
White
Leadwire Hooking Type
Silver
2-6437630-3
ACCeSSoRieS
Product Key
Switch Compatibility
Color
Part Number
Bezel
FL Series
Black
9-6437631-0
Bezel
FL Series
Red
9-6437631-1
Cap04
F Series Toggles
Black
9-6437630-0
te.com/products/switches
F Series Switches
TE Connectivity



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com