Electronic Components Datasheet Search
  English  ▼

X  

FTN59 Datasheet(PDF) 4 Page - Tyco Electronics

Part # FTN59
Description  Quick Reference Guide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FTN59 Datasheet(HTML) 4 Page - Tyco Electronics

  FTN59 Datasheet HTML 1Page - Tyco Electronics FTN59 Datasheet HTML 2Page - Tyco Electronics FTN59 Datasheet HTML 3Page - Tyco Electronics FTN59 Datasheet HTML 4Page - Tyco Electronics FTN59 Datasheet HTML 5Page - Tyco Electronics FTN59 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
F Series Rocker Switches Product key
FL
N1
9
red
Type
F
F Series power rocker switch
Model
L
Snap-in lever & rocker
Switch Function & Poles
1 pole
2 pole
D
ON-ON
N
ON-ON
Actuator
1
Long rocker
2
Small rocker
Terminal Type
9
Leadwire hooking type
Contact Material
Blank Silver
G
Gold
Rocker Color
red
Red
black Black
white White
Material
04
RoHS Compliant
04
Typical Product Key
SiLVeR CoNTACTS 6A AT 250/125 VAC
Product Key
Poles
Switch Function
Actuator
Terminal
Contacts
Part Number
F3TD0904
3 Poles
ON-ON
Standard
Leadwire Hooking Type
Silver
2-6437630-8
F4TD0904
4 Poles
ON-ON
Standard
Leadwire Hooking Type
Silver
3-6437630-5
F4TPA0904
4 Poles
ON-ON-ON
Standard
Leadwire Hooking Type
Silver
3-6437630-6
FTD0904
1 Pole
ON-ON
Standard
Leadwire Hooking Type
Silver
2-6437630-0
FTD5904
1 Pole
ON-ON
Locking Lever
Leadwire Hooking Type
Silver
1-6437630-5
FTD7904
1 Pole
ON-ON
Flat Toggle
Leadwire Hooking Type
Silver
5-6437630-3
FTE0904
1 Pole
ON-OFF-ON
Standard
Leadwire Hooking Type
Silver
6-6437630-2
FTF0904
1 Pole
ON-(ON)
Standard
Leadwire Hooking Type
Silver
5-6437630-7
FTG0904
1 Pole
(ON)-OFF-(ON)
Standard
Leadwire Hooking Type
Silver
5-6437630-5
FTH0904
1 Pole
ON-OFF-(ON)
Standard
Leadwire Hooking Type
Silver
4-6437630-8
FTN0904
2 Poles
ON-ON
Standard
Leadwire Hooking Type
Silver
4-6437630-2
FTN5904
2 Poles
ON-ON
Locking Lever
Leadwire Hooking Type
Silver
3-6437630-9
FTN7904
2 Poles
ON-ON
Flat Toggle
Leadwire Hooking Type
Silver
5-6437630-2
FTP0904
2 Poles
ON-OFF-ON
Standard
Leadwire Hooking Type
Silver
4-6437630-6
FTPA0904
2 Poles
ON-OFF-ON
Standard
Leadwire Hooking Type
Silver
4-6437630-5
FTR0904
2 Poles
ON-(ON)
Standard
Leadwire Hooking Type
Silver
4-6437630-4
FTS0904
2 Poles
(ON)-OFF-(ON)
Standard
Leadwire Hooking Type
Silver
4-6437630-3
FTT0904
2 Poles
ON-OFF-(ON)
Standard
Leadwire Hooking Type
Silver
4-6437630-1
te.com/products/switches
F Series Switches
TE Connectivity



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com