Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-110 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9248-110
Description  AMD-K7TM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-110 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9248-110 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ICS9248-110
Third party brands and names are the property of their respective owners.
Electrical Characteristics - AGP
TA = 0 - 70C; VDD=3.3V +/-5%; CL = 20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP4B
1
VO=VDD*(0.5)
12
55
Ω
Output Impedance
RDSN4B
1
VO=VDD*(0.5)
12
55
Ω
Output High Voltage
VOH4B
IOH = -18 mA
2
V
Output Low Voltage
VOL4B
IOL = 18 mA
0.4
V
Output High Current
IOH4B
VOH = 2.0 V
-19
mA
Output Low Current
IOL4B
VOL = 0.8 V
19
mA
Rise Time
1
tr4B
VOL = 0.4 V, VOH = 2.4 V
1
2
ns
Fall Time
1
tf4B
VOH = 2.4 V, VOL = 0.4 V
1
2
ns
Duty Cycle
1
dt4B
VT = 1.5 V
45
50
55
%
Skew window1
tsk
1
VT = 1.5 V
50
200
ps
Jitter Cyc-Cyc
tjcyc-cyc
1
VT = 1.5 V
288
450
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM _OUT
TA = 0 - 70C; VDD=3.3V +/-5%; CL = 30 pF (unles s otherwis e s pecified)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output Impedance
RDSP
1
VO=VDD*(0.5)
12
55
Ω
Output Impedance
RDSN
1
VO=VDD*(0.5)
12
55
Ω
Output High Voltage
VOH3
IOH = -11 mA
2
V
Output Low Voltage
VOL3
IOL = 11 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-12
mA
Output Low Current
IOL3
VOL = 0.8 V
12
mA
SD (0:1,3:12) Ris e Time
1
tr3
1
VOL = 0.4 V, VOH = 2.4 V
1
2
ns
SD(0:1,3:12) Fall Time
1
tf3
1
VOH = 2.4 V, VOL = 0.4 V
1
2
ns
SD(0:1,3:12) Duty Cycle
1
dt3
1
VT = 1.5 V
45
50
55
%
Skew window
1
tsk
1
VT = 1.5 V
70
150
ps
1
Guaranteed by des ign, not 100% tes ted in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com