Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-110 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9248-110
Description  AMD-K7TM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-110 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9248-110 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
ICS9248-110
Third party brands and names are the property of their respective owners.
Electrical Characteristics - USB, REF
TA = 0 - 70C; VDD = 3.3V +/-5%; CL = 20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP2B
1
VO=VDD*(0.5)
20
47
60
Ω
Output Impedance
RDSN2B
1
VO=VDD*(0.5)
20
44
60
Ω
Output High Voltage
VOH5
IOH = -12 mA
2.4
V
Output Low Voltage
VOL5
IOL = 9 mA
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
mA
Rise Time
1
tr5
1
VOL = 0.4 V, VOH = 2.4 V
2.6
4.0
ns
Fall Time
1
tf5
1
VOH = 2.4 V, VOL = 0.4 V
2.5
4.0
ns
Duty Cycle
1
dt5
1
VT = 1.5 V
45
51
55
%
REF Jitter, Cyl-to-Cyl
tjcyc-cyc5
1
VT = 1.5 V
320
700
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPUCLK (Open Drain)
TA = 0 - 70C; VDD=3.3V +/- 5%; CL = 20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
ZO
1
VO=VX
60
Ω
Output High Voltage
VOH2B
Termination to Vpull-up(external)
1
1.8
V
Output Low Voltage
VOL2B
Termination to Vpull-up(external)
0.8
V
Output Low Current
IOL2B
VOL = 0.3 V
18
mA
Rise Time
1
tr2B
1
VOL = 20% , VOH = 80%
2.4
2.6
ns
Fall Time
1
tf2B
1
VOH = 80%, VOL = 20%
1.2
2.6
ns
Differential voltage-AC
1
VDIF
Note 2
0.4
Vpull-up(ext)
V
Differential voltage-DC
1
VDIF
Note 2
0.2
Vpull-up(ext)
V
Diff Crossover Voltage
1
VX
Note 3
1.1
1.4
1.7
V
Duty Cycle
1
dt2B
1
VT = 50%
44
46
54
%
Skew window
1
tsk2B
1
VT = 50%
40
200
ps
Jitter, Cycle-to-cycle1
tjcyc-cyc2B
1
VT = VX
80
250
ps
Jitter, Absolute1
tjabs2B
1
VT = 50%
120
250
ps
Notes:
1 - Guaranteed by design, not 100% tested in production.
2 - VDIF specifies the minimum input differential voltages (VTR-VCP) required for switching, where VTR is the
"true" input Level and VCP is the "complement" input level.
3 - Vpull-up(external) = 2.7V, Min=Vpull-up(external)/2-150mV; Max=Vpull-up(external)/2 +150mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com