Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-110 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9248-110
Description  AMD-K7TM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-110 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248-110 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-110 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9248-110
Third party brands and names are the property of their respective owners.
General Description
The ICS9248-110 is a main clock synthesizer chip for AMD-K7 based systems. This provides all clocks required for such a
system when used with a Zero Delay Buffer Chip such as the ICS9179-06.
Spread spectrum may be enabled through I
2C programming. Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9248-110
employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature
variations.
Serial programming I
2C interface allows changing functions, stop clock programming and frequency selection.
CPU_STOP# Timing Diagram
CPU_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPUCLKs for low power operation.
CPU_STOP# is synchronized by the ICS9248-110. All other clocks will continue to run while the CPUCLKs clocks are
disabled. The CPUCLKs will always be stopped in a low state and start in such a manner that guarantees the high pulse width
is a full pulse. CPUCLK on latency is less than 4 CPUCLKs and CPUCLK off latency is less than 4 CPUCLKs.
Notes:
1. All timing is referenced to the internal CPUCLK.
2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is
synchronized to the CPUCLKs inside the ICS9248-110.
3. All other clocks continue to run undisturbed.
4. PD# and PCI_STOP# are shown in a high (true) state.
PCICLK
CPUCLKT
CPUCLKC
PCI_STOP# (High)
CPU_STOP#
PD# (High)
INTERNAL
CPUCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com