Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-131 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9248-131
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-131 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9248-131 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ICS9248- 131
Byte0: Functionality and Frequency Select Register (default = 0)
Serial Configuration Command Bitmap
I2C is a trademark of Philips Corporation
Note 1. Default at Power-up will be for latched logic inputs to define frequency. Bits 4, 5, 6 are default to 001, and if bit
3 is written to a 1 to use Bits 6:4, then these should be defined to desired frequency at same write cycle.
Note: PWD = Power-Up Default
Byte 1: CPU,Active/Inactive Register
(1 = enable, 0 = disable)
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B-
1
)
d
e
v
r
e
s
e
R
(
6
t
i
B-
X
#
2
S
F
5
t
i
B-
X
#
1
S
F
4
t
i
B0
41
)
t
c
a
n
I
/
t
c
A
(
2
1
M
A
R
D
S
3
t
i
B-
1
)
d
e
v
r
e
s
e
R
(
2
t
i
B1
41
)
t
c
a
n
I
/
t
c
A
(
2
K
L
C
U
P
C
1
t
i
B3
41
)
t
c
a
n
I
/
t
c
A
(
1
K
L
C
U
P
C
0
t
i
B4
41
)
t
c
a
n
I
/
t
c
A
(
0
K
L
C
U
P
C
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B-
X
#
3
.
3
_
5
.
2
U
P
C
6
t
i
B7
1
)
t
c
a
n
I
/
t
c
A
(
F
_
K
L
C
I
C
P
5
t
i
B-
X
#
0
S
F
4
t
i
B3
11
)
t
c
a
n
I
/
t
c
A
(
4
K
L
C
I
C
P
3
t
i
B2
11
)
t
c
a
n
I
/
t
c
A
(
3
K
L
C
I
C
P
2
t
i
B1
11
)
t
c
a
n
I
/
t
c
A
(
2
K
L
C
I
C
P
1
t
i
B0
11
)
t
c
a
n
I
/
t
c
A
(
1
K
L
C
I
C
P
0
t
i
B8
1
)
t
c
a
n
I
/
t
c
A
(
0
K
L
C
I
C
P
Byte 2: PCIActive/Inactive Register
(1 = enable, 0 = disable)
Bit
PWD
Bit7 Bit2
0,0
0,1
1,0
1,1
Bit6 Bit5 Bit4
CPU Clock
PCI
AGP
111
100
33.33
66.67
110
95.25
31.75
63.50
101
83.3
33.30
66.60
100
97
32.33
64.66
011
91.5
30.50
61.00
010
96.22
32.07
64.15
001
66.67
33.33
66.67
000
60
30.00
60.00
Bit 1
Bit 0
1 - Tristate all outputs
0 - Frequency is selected by hardware select, Latched inputs
1 - Frequency is selected by Bit 6:4 (above)
0 to -0.5 Down Spread Spectrum Modulation
+/- 0.375% Center Spread Spectrum Modulation
0
0
0 - Normal
1 - Spread Spectrum Enabled
0 - Running
Description
Note1
001
Bit 3
Bit 6:4
Bit 7,2
0,0
Spread Spectrum Method
+/- 0.25% Center Spread Spectrum Modulation
+/- 0.15% Center Spread Spectrum Modulation
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com