Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-131 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9248-131
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-131 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9248-131 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
ICS9248- 131
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL=2.5V +/- 5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CL = 0 pF; Select @ 66.8 MHz
8
15
CL = 0 pF; Select @ 100 MHz
15
20
TCPU-PCI1
Vt=1.5 V; f=66 / 100 Mhz; CPU leads
1
2
4
ns
TAGP-PCI1
Vt = 1.5V; AGP Leads ( Vdd+/-5% 25C)
300
550
ps
Operating Supply Current
IDDL2.5
mA
Skew
1
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD =VDDL= 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
5
uA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
uA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
uA
CL = 0 pF; Select @ 66 MHz
105
160
mA
CL = 0 pF; Select @ 100 MHz
140
160
mA
Input frequency
Fi
VDD = 3.3 V
12
14.318
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Transition Time
1
Ttrans
To 1st crossing of target Freq
2
ms
Settling Time
1
Ts
From 1st corssing to 1% target Freq
2
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
2
ms
TCPU-PCI
Vt=1.5 V; f=66 / 100 Mhz; CPU leads
1
2
4
ns
TAGP-PCI
Vt = 1.5V; AGP Leads ( Vdd+/-5% 25C)
300
550
ps
1Guaranteed by design, not 100% tested in production.
Operating Supply Current
Input Capacitance
1
IDD3.3OP
Skew
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com