Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-131 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-131
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-131 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-131 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated
Circuit
Systems, Inc.
ICS9248- 131
Block Diagram
Pentium is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation
9248-131 Rev B 7/17/00
Pin Configuration
48-Pin SSOP
* Internal Pull-up Resistor of
240K to 3.3V on indicated inputs
VDDF
*REF0/CPU2.5_3.3#
GND
X1
X2
VDDPCI
*PCICLK_F/FS1
*PCICLK0/FS2
GND
PCICLK1
PCICLK2
PCICLK3
PCICLK4
VDDA
BUFFERIN
GND
*CPU_STOP#/SDRAM11
*PCI_STOP#/SDRAM10
VDDSDR
*AGP_STOP#/SDRAM9
*PD#/SDRAM8
GND
SDATA
SCLK
VDDAGP
AGP0
AGP1
GND
CPUCLK0
CPUCLK1
VDDL
CPUCLK2
SDRAM0
SDRAM1
VDDSDR
SDRAM2
SDRAM3
GND
SDRAM4
SDRAM5
VDDSDR
SDRAM6
SDRAM7
GND
48MHz/FS0*
AGP_F/MODE*
SDRAM12
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
RecommendedApplication:
ALI - Aladdin V™ - mobile style chipsets
OutputFeatures:
•
3 - CPUs @ 2.5/3.3V, up to 100MHz.
•
3-AGPCLK@3.3V
•
13 - SDRAM @ 3.3V
•
6 - PCI @ 3.3V
•
1-48MHz,@3.3Vfixed.
•
1-REF@3.3V,14.318MHz.
Features:
•
Support power management: CPU, PCI, AGP stop and
Power down Mode from I2C programming.
•
Spread spectrum for EMI control.
•
Uses external 14.318MHz crystal
•
FS pins for frequency select
Key Specifications:
•
CPU – CPU: <250ps
•
AGP – PCI: <550ps
•
CPU(early)-PCI: 1-4ns, Center 2-6ns
Frequency Generator & Integrated Buffers for Celeron & PII/III™
CPU2.5_3.3#
PLL2
PLL1
Spread
Spectrum
48MHz
CPUCLK (2:0)
PCICLK (4:0)
AGP (1:0)
2
5
3
AGP_F
PCICLK_F
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
AGP
DIVDER
Stop
Stop
Stop
SDATA
SCLK
FS (2:0)
PD#
PCI_STOP#
CPU_STOP#
SDRAM_STOP#
AGP-STOP#
MODE
Control
Logic
Config.
Reg.
REF
BUFFERIN
SDRAM (12:0)
13
1
1
1
100
33.33
66.67
1
1
0
95.25
31.75
63.50
1
0
1
83.3
33.30
66.60
1
0
0
97
32.33
64.66
0
1
1
91.5
30.50
61.00
0
1
0
96.22
32.07
64.15
0
0
1
66.67
33.33
66.67
0
0
0
60
30.00
60.00
PCI
(MHz)
FS2
FS1
FS0
CPU, SDRA M
(MHz)
AGP
(MHz)
Functionality
Note:REF&IOAPIC=14.318MHz
Power Groups
Analog
Digital
VDDF
VDDPCI
VDDA
VDDSDR
VDDAGP
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9248-131

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
Frequency Timing Generator for PENTIUM II/III Systems
Rev A 8/22/00
ICS9248-135 ICST-ICS9248-135 Datasheet
191Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?? K6
Rev A 1/16/01
ICS9248-136 ICST-ICS9248-136 Datasheet
231Kb / 16P
Frequency Generator & Integrated Buffers for K7 Processor
ICS9248-138 ICST-ICS9248-138 Datasheet
245Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
logo
Renesas Technology Corp
ICS9248-138 RENESAS-ICS9248-138 Datasheet
344Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III TM
2019
More results

Similar Description - ICS9248-131

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9248-99 ICST-ICS9248-99 Datasheet
451Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 8/27/99
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com