Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-61 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-61
Description  Frequency Timing Generator for Pentium II Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-61 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-61 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ICS9248-61
Pin Descriptions
Pin number
Pin name
Type
Description
2
X1
Input
14.318 MHz crystal input
3
X2
Output
14.318 MHz crystal output
4
PCICLK_F
Output
3.3 V free running PCI clock output, will not be stopped by the PCI_STOP#
7
GNDPCI
Power
Ground for PCI clock outputs
8
VDDPCI
Power
3.3 V power for the PCI clock outputs
12
PCICLK_E
Output
Early PCICLK output, offset from other PCICLKs, stopped by PCI-STOP#
13
VDD48
Power
3.3 V power for 48 MHz clocks
14
SEL 100_66#/
48MHz
Input
on power-on control for the frequency of clocks at the CPU & PCICLK output pins. If
logic "0" is used the 66.6 MHz frequency is selected. If Logic "1" is used, the 100
MHz frequency is selected. The PCI clock is multiplexed to run at 33.3 MHz for both
selects
15
GND48
Power
Ground for 48 MHz clocks
16
DIV4#
Input
Active low input, enables the CPUCLK and the PCICLK to run at 1/4 of the regular
frequecies
17
PD#
Input
Asynchronous active low input pin used to power down the device into a low power
state. The internal clocks are disabled and the VCO and the crystal are stopped. The
latency of the power down will not be greater than 3ms.
18
CPU_STOP#
Input
Asynchronous active low input pin used to stop the CPUCLK in active low state, all
other clocks will continue to run. The CPUCLK will have a "Turnon " latency of at
least 3 CPU clocks.
19
VDDCOR
Input
3.3 V power for the core
20
PCI-STOP#
Input
Synchronous active low input used to stop the PCICLK in active low state. It will not
effect PCICLK_F or any other outputs.
21
GNDR/C
Input
Ground for REFCLK, Crystal & Core
22
GNDLCPU
Power
Ground for the CPU and Host clock outputs
25
VDDLCPU
Power
2.5 V power for the CPU and Host clock outputs
26
SPREAD#
Output
power-on spread spectrum enable option. Active low = spread spectrum clocking
enable. Active high = spread spectrum clocking disable.
28
VDDR
Input
3.3 V power for the REFCLK and crystal clock outputs
1,27
REF(0:1)
Output
3.3V, 14.318 MHz reference clock output.
23,24
CPUCLK (0:1)
0utput
2.5 V CPU and Host clock outputs
5,6,9,10, 11
PCICLK (1:4)
Output
3.3 V PCI clock outputs, generating timing requirements



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com