Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-61 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9248-61
Description  Frequency Timing Generator for Pentium II Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-61 Datasheet(HTML) 9 Page - Integrated Circuit Systems

  ICS9248-61 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
ICS9248-61
L
O
B
M
Y
S
N
O
M
M
O
C
S
N
O
I
S
N
E
M
I
D
S
N
O
I
T
A
I
R
A
V
D
.
N
I
M.
M
O
N.
X
A
MN
.
N
I
M.
M
O
N.
X
A
M
A8
6
0
.
03
7
0
.
08
7
0
.
04
19
3
2
.
04
4
2
.
09
4
2
.
0
1
A2
0
0
.
05
0
0
.
08
0
0
.
06
19
3
2
.
04
4
2
.
09
4
2
.
0
2
A6
6
0
.
08
6
0
.
00
7
0
.
00
28
7
2
.
04
8
2
.
09
8
2
.
0
b0
1
0
.
02
1
0
.
05
1
0
.
04
28
1
3
.
03
2
3
.
08
2
3
.
0
c4
0
0
.
06
0
0
.
08
0
0
.
08
27
9
3
.
02
0
4
.
07
0
4
.
0
Ds
n
o
i
t
a
i
r
a
V
e
e
S0
37
9
3
.
02
0
4
.
07
0
4
.
0
E5
0
2
.
09
0
2
.
02
1
2
.
0
eC
S
B
6
5
2
0
.
0
H1
0
3
.
07
0
3
.
01
1
3
.
0
L5
2
0
.
00
3
0
.
07
3
0
.
0
Ns
n
o
i
t
a
i
r
a
V
e
e
S
∝
°
0°
4°
8
Dimensions in inches
Ordering Information
ICS9248F-61
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
F=SSOP
Revision Designator
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX Y F - PPP
SSOP Package
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com