Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-61 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9248-61
Description  Frequency Timing Generator for Pentium II Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-61 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248-61 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-61 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ICS9248-61
Frequency Table
Power Management
ICS9248-61 Power Management Requirements
Clock Enable Configuration
Full clock cycle timing is guaranteed at all times after the system has initially powered up except where noted. During power
up and power down operations using the PD# pin will not cause clocks of a short or longer pulse than that of the running clock.
The first clock pulse coming out of a stopped clock condition may be slightly distorted due to clock network charging circuitry.
Board routing and signal loading may have a large impact on the initial clock distortion also.
Notes.
1. Clock on latency is defined from when the clock enable goes active to when the first valid clock comes out of the device.
2. Clock off latency is defined from when the clock enable goes inactive to when the last clock is driven low out of the device.
3. Power up latency is when PD# goes inactive (high) to when the first valid clocks are output by the device.
4. Power down has controlled clock counts applicable to CPUCLK, PCICLK only.
The REF will be stopped independant of these.
L
A
N
G
I
SE
T
A
T
S
L
A
N
G
I
S
y
c
n
e
t
a
L
g
n
i
n
n
u
r
e
e
r
f
f
o
s
e
g
d
e
g
n
i
s
i
r
f
o
.
o
N
K
L
C
I
C
P
#
P
O
T
S
_
U
P
C)
d
e
l
b
a
s
i
D
(
0
2
1
)
d
e
l
b
a
n
E
(
1
1
1
#
P
O
T
S
_
I
C
P)
d
e
l
b
a
s
i
D
(
0
2
1
)
d
e
l
b
a
n
E
(
1
1
1
#
D
P)
n
o
i
t
a
r
e
p
O
l
a
m
r
o
N
(
1
3
s
m
3
)
n
w
o
D
r
e
w
o
P
(
0
4
x
a
m
2
#
P
O
T
S
_
U
P
C#
P
O
T
S
_
I
C
P#
N
W
D
_
R
W
PK
L
C
U
P
CK
L
C
I
C
PF
_
K
L
C
I
C
PF
E
Rl
a
t
s
y
r
Cs
O
C
V
XX
0
w
o
Lw
o
Lw
o
Ld
e
p
p
o
t
Sf
f
Of
f
O
00
1
w
o
Lw
o
Lz
H
M
3
.
3
3g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
01
1
w
o
Lz
H
M
3
.
3
3z
H
M
3
.
3
3g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
10
1
z
H
M
6
.
6
6
/
0
0
1w
o
Lz
H
M
3
.
3
3g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
11
1
z
H
M
6
.
6
6
/
0
0
1z
H
M
3
.
3
3z
H
M
3
.
3
3g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
#
4
V
I
D
L
E
S
#
6
6
/
0
0
1
z
H
M
U
P
Cz
H
M
I
C
P
11
0
0
13
3
10
9
6
.
6
63
3
01
5
22
3
.
8
00
5
6
.
6
12
3
.
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com