Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-64 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9248-64
Description  AMD-K7TM System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-64 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9248-64 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
ICS9248-64
Electrical Characteristics - CPUCLK (Open Drain)
T
A = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
Z
O
V
O = VX
50
Ω
Output High Voltage
V
OH2B
Termination to
V
pull-up(external)
11.2
V
Output Low Voltage
V
OL2B
Termination to
V
pull-up(external)
0.175
0.4
V
Output Low Current
I
OL2B
V
OL = 0.3 V
18
21
mA
Rise Time
1
t
r2B
V
OL = 0.3 V, VOH = 1.2 V
0.85
0.9
ns
Differential voltage-
AC
1
V
DIF
Note 2
0.4
V
pullup(external)
+ 0.6
V
Differential voltage-
DC
1
V
DIF
Note 2
0.2
V
pullup(external)
+ 0.6
V
Differential Crossover
Voltage
1
V
X
Note 3
550
750
1100
mV
Duty Cycle
1
d
t2B
V
T = 50%
45
51
55
%
Skew
1, CPU to CPU
t
sk2B
V
T = 50%
100
250
ps
Skew
1, CPUT to CPUC
t
sk2B
V
T = 50%
135
200
ps
Jitter, Cycle-to-cycle
1
t
jcyc-cyc2B
V
T = VX
110
250
ps
Notes:
1 - Guaranteed by design, not 100% tested in production.
3 - Vpullup
(external) = 1.5V, Min = Vpullup(external)/2-150mV; Max=(Vpullup(external)/2)+150mV
2 - V
DIF specifies the minimum input differential voltages (VTR-VCP) required for switching, where VTR is the "true" input
level and V
CP is the "complement" input level.
Electrical Characteristics - 24_48M, REF(0:1)
T
A = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
IOH = -12 mA
2.4
2.8
V
Output Low Voltage
VOL5
IOL = 9 mA
0.32
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-27
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
22
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
2.3
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
2.4
4
ns
Duty Cycle
1
dt5
VT = 50%
45
51
55
%
VT = 1.5 Volts, REF
400
1000
ps
VT = 1.5 Volts, USB, 24_48M
260
500
ps
1Guaranteed by design, not 100% tested in production.
Jitter, Cycle-to-cycle
1
t
jcyc-cyc1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com