Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-64 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-64
Description  AMD-K7TM System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-64 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-64 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9248-64
Block Diagram
9248-64 Rev C 03/19/01
Pin Configuration
48-Pin SSOP
AMD-K is a trademark of Advanced Micro Devices.
•
Generates the following system clocks:
- 3 differential pair open drain CPU clocks
(1.5V external
pull-up; up to 133MHz).
- 8 PCI including 1 free running (3.3V) @33.3MHz.
- 2 AGP(3.3V) up to 66.6MHz.
- 2 REF(3.3V)@14.318MHz
- 1 48MHz(3.3V)
- 24 / 48MHz(3.3V)
•
Skew characteristics:
- CPU -CPU<250ps
- CPUt - CPUc <200ps (differential pair)
- PCI – PCI: <500ps
- CPU – SDRAM_OUT: < 250ps
- CPU – AGP <500ps
•
Efficient Power Management through PD#, PCI_STOP#
and CPU_STOP#.
•
Spread Spectrum option for EMI reduction
(-1.0% down spread).
•
Uses external 14.318 MHz crystal
The ICS9248-64 is a main clock synthesizer chip for AMD-
K7 based systems. This provides all clocks required for such
a system when used with a Zero Delay Buffer Chip such as
the ICS9179-06.
Spread Spectrum may be enabled by driving the SPREAD#
pin active. Spread spectrum typically reduces system EMI by
8dB to 10dB. This simplifies EMI qualification without
resorting to board design iterations or costly shielding. The
ICS9248-64 employs a proprietary closed loop design, which
tightly controls the percentage of spreading over process and
temperature variations.
*FS0/REF0
*FS1/REF1
GNDREF
X1
X2
GNDPCI
PCICLK_F
PCICLK0
VDDPCI
PCICLK1
PCICLK2
GNDPCI
PCICLK3
PCICLK4
VDDPCI
PCICLK5
PCICLK6
VDDAGP
AGP0
AGP1
GNDAGP
VDD48
48MHz
SEL24_48#/24-48MHz
VDDREF
GNDSD
SDRAM_OUT
VDDSD
RESERVED
CPUCLKC2
CPUCLKT2
GNDCPU
CUCLKC1
CPUCLKT1
GND
CPUCLKC0
CPUCLKT0
RESERVED
VDD
GND
PCI_STOP#
CPU_STOP#
PD#
SPREAD#
TEST#
SDATA
SCLK
GND48
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
{ I C2
AMD-K7TM System Clock Chip
* Internal 120K pullup resistor on indicated inputs
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9248-64

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
logo
Renesas Technology Corp
ICS9248-61 RENESAS-ICS9248-61 Datasheet
421Kb / 10P
Frequency Timing Generator for Pentium II Systems
2019
logo
Integrated Circuit Syst...
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
Frequency Timing Generator for PENDIUM II Systems
Rev C 7/28/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
More results

Similar Description - ICS9248-64

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-110 ICST-ICS9248-110 Datasheet
152Kb / 14P
AMD-K7TM System Clock Chip
Rev C 01/08/01
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
AMD - K8 System Clock Chip
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
AMD - K8??System Clock Chip
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
AMD-K7TM System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
AMD - K7TM System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
AMD - K8 System Clock Chip
logo
Renesas Technology Corp
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
AMD-K7TM System Clock Chip
02/23/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com