Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-64 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9248-64
Description  AMD-K7TM System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-64 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9248-64 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-64 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
ICS9248-64
Electrical Characteristics - AGP(0:1)
T
A = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH4B
IOH = -18 mA
2
3
V
Output Low Voltage
VOL4B
IOL = 18 mA
0.31
0.4
V
Output High Current
IOH4B
VOH = 2.0 V
-63
-19
mA
Output Low Current
IOL4B
VOL = 0.8 V
19
30
mA
Rise Time
1
Tr4B
VOL = 0.4 V, VOH = 2.0 V
1.3
2
ns
Fall Time
1
Tf4B
VOH = 2.0 V, VOL = 0.4 V
1.4
2
ns
Duty Cycle
1
Dt4B
VT = 50%
45
50
55
%
Jitter, Cycle-to-cycle
1
t
jcyc-cyc1
VT = 1.5 Volts
290
500
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM_OUT
T
A = 0 - 70º C; VDD = 3.3 V +/-5%, CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
V
OH3
I
OH = -11 mA
2
3
V
Output Low Voltage
V
OL3
I
OL = 11 mA
0.31
0.4
V
Output High Current
I
OH3
V
OH = 2.0 V
-60
-12
mA
Output Low Current
I
OL3
V
OL = 0.8 V
12
30
mA
Rise Time
1
T
r3
1
V
OL = 0.4 V, VOH = 2.4 V
1.7
2.2
ns
Fall Time
1
T
f3
1
V
OH = 2.4 V, VOL = 0.4 V
1.9
2.2
ns
Duty Cycle
1
D
t3
1
V
T = 50%
45
55
55
%
Jitter, Cycle-to-cycle
1
t
jcyc-cyc1
VT = 1.5 Volts
130
250
ps
1Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com