Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-97 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-97
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-97 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-97 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
ICS9248-97
Block Diagram
Frequency Timing Generator for PENTIUM II Systems
9248-97 Rev E 08/18/00
Pin Configuration
48-pin SSOP
*120K ohm pull-up to VDD on indicated inputs.
RecommendedApplication:
Camino chipset
OutputFeatures:
•
3 - CPUs @ 2.5V, up to 180MHz.
•
3-IOAPIC@2.5V,PCI/2
•
3-3V66MHz@3.3V.
•
11 - PCIs @ 3.3V
•
1-48MHz,@3.3Vfixed
•
1-24/48MHz,@3.3V
•
1-CPU/2,@2.5V.
Features:
•
Up to 180MHz frequency support
•
Support power management: Power down Mode
from I2C programming.
•
Spread spectrum for EMI control
± 0.25% center spread).
•
Uses external 14.318MHz crystal
•
FS pins for frequency select
Key Specifications:
•
CPU Output Jitter: <250ps
•
CPU/2 Output Jitter. <250ps
•
IOAPIC Output Jitter: <500ps
•
48MHz, 3V66, PCI Output Jitter: <500ps
•
Ref Output Jitter. <1000ps
•
CPU Output Skew: <175ps
•
IOAPIC Output Skew <250ps
•
3V66 Output Skew <250ps
•
CPU to 3V66 Output Offset: 0.0 - 1.5ns (CPU leads)
•
3V66 to PCI Output Offset: 1.5 - 4.0ns (3V66 leads)
•
CPU to IOAPIC Output Offset 1.5 - 4.0ns (CPU leads)
SEL24_48#
SDATA
SCLK
FS (4:0)
PD#
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
CPUCLK (2:0)
IOAPIC (2:0)
PCICLK (9:0)
CPU/2
PCICLK_F
3V66 (2:0)
X1
X2
XTAL
OSC
CPU
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
Control
Logic
Config.
Reg.
/ 2
/ 2
REF (1:0)
GNDREF
REF0
*SEL24_48#/REF1
VDDREF
X1
X2
GNDPCI
*FS0/PCICLK_F
*FS1/PCICLK0
VDDPCI
*FS2/PCICLK1
*FS3/PCICLK2
GNDPCI
PCICLK3
PCICLK4
VDDPCI
PCICLK5
PCICLK6
GNDPCI
PCICLK7
PCICLK8
PCICLK9
VDDPCI
PD#
VDDLAPIC
IOAPIC0
IOAPIC1
GNDLAPIC
IOAPIC2
VDDLCPU/2
CPU/2
GNDLCPU/2
CPUCLK0
VDDLCPU
CPUCLK1
CPUCLK2
GNDLCPU
VDD66
3V66_0
3V66_1
3V66_2
GND66
SDATA
SCLK
VDD48
48MHz/FS4*
24_48MHz
GND48
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9248-97

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-90 ICST-ICS9248-90 Datasheet
281Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 4/19/00
ICS9248-92 ICST-ICS9248-92 Datasheet
341Kb / 14P
Mobile Pentium IITM System Clock Chip
Rev E 02/21/01
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results

Similar Description - ICS9248-97

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
Frequency Timing Generator for Pentium II Systems
Rev B 2/10/00
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
Frequency Timing Generator for PENTIUM II Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com