Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-97 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9248-97
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-97 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9248-97 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ICS9248-97
Electrical Characteristics - IOAPIC
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP4B
1
VO = VDD*(0.5)
13.5
26
45
Ω
Output Impedance
RDSN4B
1
VO = VDD*(0.5)
13.5
31
45
Ω
Output High Voltage
VOH4B
IOH = -12.0 mA
2
2.24
V
Output Low Voltage
VOL4B
IOL = 12.0 mA
0.31
0.4
V
Output High Current
IOH4B
VOH = 1.7 V
-31
-19
mA
Output Low Current
IOL4B
VOL = 0.7 V
19
26
mA
Rise Time
1
Tr4B
VOL = 0.4 V, VOH = 2.0 V
1.62
2
ns
Fall Time
1
Tf4B
VOH = 2.0 V, VOL = 0.4 V
1.57
2
ns
Duty Cycle
1
Dt4B
VT = 1.25 V
45
48.6
55
%
Skew
1
tsk4B
VT = 1.25 V
52
250
ps
Jitter, Cycle-to-cycle
1
Tjcyc-cyc4B
VT = 1.25 V
245
500
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com