Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-09 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9250-09
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-09 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9250-09 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
ICS9250-09
PCI_STOP# Timing Diagram
PCI_STOP# is an input to the clock synthesizer and must be made synchronous to the clock driver PCICLK_F output. It is used
to turn off the PCI clocks for low power operation. PCI clocks are required to be stopped in a low state and started such that a
full high pulse width is guaranteed. ONLYone rising edge of PCICLK_Fis allowed after the clock control logic switched for the
PCI outputs to become enabled/disabled.
Notes:
1. All timing is referenced to CPUCLK.
2. PCI_STOP# signal is an input signal which must be made synchronous to PCICLK_F output.
3. Internal means inside the chip.
4. All other clocks continue to run undisturbed.
5. PD# and CPU_STOP# are shown in a high state.
6. Diagrams shown with respect to 133MHz. Similar operation when CPU is 100MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com