Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-09 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-09
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-09 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-09 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
Features
ICS9250-09
Integrated
Circuit
Systems, Inc.
Block Diagram
Frequency Timing Generator for PENTIUM II Systems
9250-09 Rev J 1/21/00
Pin Configuration
56-pin SSOP
• Generates the following system clocks:
- 4CPUclocks(2.5V,100/133MHz)
- 8 PCI clocks, including 1 free-running (3.3V, 33MHz)
- 2CPU/2clocks(2.5V,50/66MHz)
- 3IOAPICclocks(2.5V,16.67MHz)
- 4 Fixed frequency 66MHz clocks(3.3V, 66MHz)
-2REFclocks(3.3V,14.318MHz)
- 1USBclock(3.3V,48MHz)
• Efficient power management through PD#, CPU_STOP#
and PCI_STOP#.
• 0.5% typical down spread modulation on CPU, PCI,
IOAPIC, 3V66 and CPU/2 output clocks.
• Usesexternal14.318MHzcrystal.
The ICS9250-09 is a main clock synthesizer chip for
Pentium II based systems using Rambus Interface DRAMs.
This chip provides all the clocks required for such a system
when used with a Direct Rambus Clock Generator(DRCG)
chip such as the ICS9211-01.
Spread Spectrum may be enabled by driving the SPREAD#
pin active. Spread spectrum typically reduces system EMI
by 8dB to 10dB. This simplifies EMI qualification without
resorting to board design iterations or costly shielding. The
ICS9250-09 employs a proprietary closed loop design, which
tightly controls the percentage of spreading over process
and temperature variations.
The CPU/2 clocks are inputs to the DRCG.
Key Specification
•
CPU Output Jitter: <250ps
•
CPU/2 Output Jitter. <250ps
•
IOAPIC Output Jitter: <500ps
•
48MHz, 3V66, PCI Output Jitter: <500ps
•
Ref Output Jitter. <1000ps
•
CPU Output Skew: <175ps
•
CPU/2 Output Skew. <175ps
•
IOAPIC Output Skew <250ps
•
PCI Output Skew: <500ps
•
3V66 Output Skew <250ps
•
CPU to 3V66 Output Offset: 0.0 - 1.5ns (CPU leads)
•
3V66 to PCI Output Offset: 1.5 - 4.0ns (3V66 leads)
•
CPU to IOAPIC Output Offset 1.5 - 4.0ns (CPU leads)
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9250-09

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
logo
Renesas Technology Corp
ICS9250-08 RENESAS-ICS9250-08 Datasheet
471Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results

Similar Description - ICS9250-09

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
Frequency Timing Generator for PENTIUM II Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com