Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-09 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9250-09
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-09 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9250-09 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-09 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
ICS9250-09
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
G roup O ffset
Gro up
Offset
M ea surem ent L o a ds
M ea sure Po ints
CPU to 3V66
0.0-1 .5 n s CPU lead s
C PU @ 20pF, 3V66 @ 30p F
C PU @ 1 .25V, 3V66 @ 1.5V
3 V66 to PC I
1 .5 -4 .0 n s 3 V66 lead s
3 V6 6 @ 3 0pF, PC I @ 30pF
3V66 @ 1.5V, PC I @ 1.5V
CPU to IOAPIC
1.5-4 .0 n s CPU lead s
C PU @ 20p F, IOAPIC @ 2 0pF
CPU @ 1 .25V, IOAPIC @ 1.5V
No t e: 1. Al l offs et s are t o be meas ured at ri s i ng edges.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
0.1
5
µA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
2.0
µA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
-100
µA
Operating
IDD3.3OP100
Select @ 100MHz; Max discrete cap loads
68
180
Supply Current
IDD3.3OP133
Select @ 133MHz; Max discrete cap loads
80
Power Down
Supply Current
Input frequency
Fi
VDD = 3.3 V
12
14.318
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
36
45
pF
Transition Time
1
TTrans
To 1st crossing of target Freq.
3
ms
Settling Time
1
TS
From 1st crossing to 1% target Freq.
1
ms
Clk Stabilization
1
TStab
From VDD = 3.3 V to 1% target Freq.
3ms
1Guaranteed by design, not 100% tested in production.
Input Capacitance
1
IDD3.3PD
CL = 0 pF; PWRDWN# = 0
uA
200
62
mA
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating
IDD2.5OP66
Select @ 100MHz; Max discrete cap loads
19
25
Supply Current
IDD2.5OP100 Select @ 133MHz; Max discrete cap loads
22
40
1
Guaranteed by design, not 100% tested in production.
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com