Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-11 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9250-11
Description  Frequency Timing Generator for PENTIUM II/III Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-11 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9250-11 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9250-11
Pin Descriptions
Pin number
Pin name
Type
Description
1, 52, 53
GNDLAPIC
PWR
Ground pin for the IOAPIC outputs.
2, 3, 50, 51, 54, 55
IOAPIC (0:5)
OUT
2.5V clock outputs running divide synchronous with the CPU
(Host bus) clock frequency. The default APIC is running at ¼ of
CPUCLK frequency.
When FREQ_APIC is strapped low, the APIC is running at fixed
16.67 MHz.
If CPU = 133 MHz, APIC = CPU/8
If CPU = 100 MHz, APIC = CPU/6
4, 49, 56
VDDLAPIC
PWR
Power pin for the IOAPIC outputs. 2.5V.
5, 11
VDDREF
PWR
Power pin for REF clocks
6
X1
IN
XTAL_IN 14.318MHz crystal input
7
X2
OUT
XTAL_OUT Crystal output
REF0
OUT
3.3V 14.318 MHz clock output. APIC clock strapping option for
fixed 16.67 MHz APIC clock outputs.
FREQ_APIC#
OUT
If FREQ_APIC# = 0, APIC Clock = 16.67 MHz
If FREQ_APIC# = Open, APIC Clock = CPU/4
REF1
OUT
3.3V 14.318MHz clock output.
TEST#
OUT
TEST# is sampled low (external with 10k pulldown). All clock
outputs are Tri-State.
12, 19
VDD66
PWR
power pin for the 3V66 clocks.
13, 14, 17, 18
3V66[0:3]
OUT
66MHz outputs at 3.3V. These outputs are stopped when
CPU_STOP# is driven active..
8, 15, 16, 23, 24
GND
PWR
Ground pin for 3V outputs.
21, 22
3V33MHz
OUT
3.3V Fixed 33MHz clock output.
25
VDDCOR
PWR
3.3V power for PLL core.
26
GND48
PWR
Ground pin for the 48MHz output
27
48MHz
OUT
Fixed 48MHz clock output. 3.3V
28
VDD48
PWR
Power pin for the 48MHz output.
29
SEL 133/100#
IN
This selects the frequency for the CPU and CPU/2 outputs. High =
133MHz, Low=100MHz
30, 31
SEL[0:1]
IN
Function select pins. See truth table for details.
32
SPREAD#
IN
Enables spread spectrum when active(Low). modulates all the CPU,
PCI, IOAPIC, 3V66 and CPU/2 clocks. Does not affect the REF and
48MHz clocks. 0.5% down spread modulation.
33
VDDLCPU/2
PWR
Power pin for the CPU/2 clocks. 2.5V
34, 35
CPU/2[0:1]
OUT
2.5V clock outputs at 1/2 CPU frequency. 66MHz or50MHz
depending on the state of the SEL 133/100# input pin.
36
GNDLCPU/2
PWR
Ground pin for the CPU/2 clocks.
37, 44, 45
GNDLCPU
PWR
Ground pin for the CPUCLKs
38, 39, 42, 43, 46,
47
CPUCLK[0:5]
OUT
Host bus clock output at 2.5V. 133MHz or 100MHz depending on
the state of the SEL 133/100MHz.
40, 41, 48
VDDLCPU
PWR
Power pin for the CPUCLKs. 2.5V
9
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com