Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-11 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-11
Description  Frequency Timing Generator for PENTIUM II/III Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-11 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-11 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9250-11
Third party brands and names are the property of their respective owners.
Block Diagram
Frequency Timing Generator for PENTIUM II/III™ Systems
9250-11 Rev C 3/20/00
Pin Configuration
56-pin SSOP
• Generates the following system clocks:
- 6 - CPU Clocks 100/133MHz (2.5V).
- 2 - CPU/2 output for synchronous memory
reference (2.5V).
- 4 - fixed frequency Clocks @ 66.6MHz (3.3V).
- 2 - fixed frequency Clocks @ 33.3MHz (3.3V).
- 6 - IOAPIC Clocks @ ¼ of CPUCLK or 16.667MHz,
synchronous to CPU Clock (2.5V)
- 1 - 48MHz Clock (3.3V)
- 2 - REF Clocks @ 14.31818MHz
• 0.5% typical down spread modulation on CPU, PCI,
IOAPIC, 3V66 and CPU/2 output clocks.
• Uses external 14.318MHz crystal.
The ICS9250-11 is a main clock synthesizer chip for Pentium
II based systems using Rambus Interface DRAMs. This chip
provides all the clocks required for such a system when used
with a Direct Rambus Clock Generator (DRCG) chip such as
the ICS9212-01, 02, 03 and a PCI buffer 9112-17.
Spread Spectrum may be enabled by driving the SPREAD#
pin active. Spread spectrum typically reduces system EMI by
8dB to 10dB. This simplifies EMI qualification without
resorting to board design iterations or costly shielding. The
ICS9250-11 employs a proprietary closed loop design, which
tightly controls the percentage of spreading over process and
temperature variations.
The CPU/2 clocks are inputs to the DRCG.
SEL 133/100#
SEL(0:1)
SPREAD#
X1
X2
OSC
PLL
Spread
Spectrum
PLL2
CPU/2 (0:1)
REF (0:1)
2
6
4
2
2
CPUCLK (0:5)
3V66 (0:3)
48MHz
/ 2
/ 3
/ 2
3V33 (0:1)
C
o
n
t
r
o
l
/ 2
/ 2
/ 4
/ 3
/ 2
IOAPIC(0:5)
6
Power Groups:
VDDREF, GNDREF = REF, X1, X2
VDD66, GND66 = 3V66
VDD33, GND33 = 3V33
VDD48, GND48 = 48MHz
VDDCOR, GNDCOR = PLL Core
VDDLCPU, GNDLCPU = CPUCLK
VDDLCPU/2 , GNDLCPU/2 = CPU/2
VDDLAPIC, GNDAPIC = IOAPIC
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the
latest version of all device data to verify that any information being relied
upon by the customer is current and accurate.


Similar Part No. - ICS9250-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
logo
Integrated Circuit Syst...
ICS9250-12 ICST-ICS9250-12 Datasheet
395Kb / 12P
Frequency Timing Generator for PENTIUM II/III Systems
Rev B 2/23/00
logo
Renesas Technology Corp
ICS9250-12 RENESAS-ICS9250-12 Datasheet
813Kb / 13P
Frequency Timing Generator for PENTIUM II/III Systems
2019
logo
Integrated Circuit Syst...
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
More results

Similar Description - ICS9250-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
Frequency Timing Generator for PENTIUM II/III Systems
Rev A 8/22/00
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
ICS9250-12 ICST-ICS9250-12 Datasheet
395Kb / 12P
Frequency Timing Generator for PENTIUM II/III Systems
Rev B 2/23/00
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-12 RENESAS-ICS9250-12 Datasheet
813Kb / 13P
Frequency Timing Generator for PENTIUM II/III Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com