Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-11 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9250-11
Description  Frequency Timing Generator for PENTIUM II/III Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-11 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9250-11 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICS9250-11
Electrical Characteristics - CPU
TA = 0 - 70C; VDDL = 2.5 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -12 mA
2
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.4
V
VOH @ MIN = 1.0 V
-27
VOH @ MAX = 2.375 V
-27
VOL @ MIN = 1.2 V
27
VOL @ MAX = 0.3 V
30
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.0 V
0.4
1.6
ns
Fall Time
1
tf2B
VOH = 2.0 V, VOL = 0.4 V
0.4
1.6
ns
Duty Cycle
1
dt2B
VT = 1.25 V
45
55
%
Skew window
1
tsk2B
VT = 1.25 V
175
ps
Jitter, cycle-to-cycle
1
tjcyc-cyc2B
VT = 1.25 V
150
ps
1
Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
Output Low Current
IOH2B
IOL2B
Electrical Characteristics - CPU/2
TA = 0 - 70C; VDDL = 2.5 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -12 mA
2
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.4
V
VOH @ MIN = 1.0 V
-27
VOH @ MAX = 2.375 V
-27
VOL @ MIN = 1.2 V
27
VOL @ MAX = 0.3 V
30
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.0 V
0.4
1.6
ns
Fall Time
1
tf2B
VOH = 2.0 V, VOL = 0.4 V
0.4
1.6
ns
Duty Cycle
1
dt2B
VT = 1.25 V
45
55
%
Skew window
1
tsk2B
VT = 1.25 V
175
ps
Jitter, cycle-to-cycle
1
tjcyc-cyc2B
VT = 1.25 V
250
ps
1
Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
Output Low Current
IOH2B
IOL2B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com