Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-28 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS9250-28
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-28 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS9250-28 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 15Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
ICS9250-28
Group Skews (CPU 66 MHz, SDRAM 100MHz)
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%
CPU & IOAPIC load (lumped) = 20 pF; PCI, SDRAM, 3V66 load (lumped) = 30 pF
Refer to Group Offset Waveforms diagram for definition of transition edges.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CPU to SDRAM
Skew
1
Tsk1 CPU-SDRAM
-3
-2.7
-2
ns
Skew Window
1
Tw1 CPU-SDRAM
0
165
500
ps
CPU to 3V66
Skew
1
Tsk1 CPU-3V66
77.6
8
ns
Skew Window
1
Tw1 CPU-3V66
0
105
500
ps
SDRAM to 3V66
Skew
1
Tsk1 SDRAM-3V66
-500
180
500
ps
Skew Window
1
Tw1 SDRAM-3V66
0
210
500
ps
3V66 to PCI
Skew
1
Tsk1 3V66-PCI
1.5
2.1
3.5
ns
Skew Window
1
Tw1 3V66-PCI
0
90
500
ps
IOAPIC to PCI
Skew
1
Tsk1 IOAPIC-PCI
-1
-0.1
1
ns
Skew Window
1
Tw1 IOAPIC-PCI
001
ns
1Guaranteed by design, not 100% tested in production.
Group Skews (CPU 100 MHz, SDRAM 100MHz)
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%
CPU & IOAPIC load (lumped) = 20 pF; PCI, SDRAM, 3V66 load (lumped) = 30 pF
Refer to Group Offset Waveforms diagram for definition of transition edges.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CPU to SDRAM
Skew
1
Tsk2 CPU-SDRAM
4.5
4.9
5.5
ns
Skew Window
1
Tw2 CPU-SDRAM
0
180
500
ps
CPU to 3V66
Skew
1
Tsk2 CPU-3V66
4.5
5
5.5
ns
Skew Window
1
Tw2 CPU-3V66
0
100
500
ps
SDRAM to 3V66
Skew
1
Tsk2 SDRAM-3V66
-500
175
500
ps
Skew Window
1
Tw2 SDRAM-3V66
0
200
500
ps
3V66 to PCI
Skew
1
Tsk2 3V66-PCI
1.5
2.1
3.5
ns
Skew Window
1
Tw2 3V66-PCI
0
90
500
ps
IOAPIC to PCI
Skew
1
Tsk2 IOAPIC-PCI
-1
-0.1
1
ns
Skew Window
1
Tw2 IOAPIC-PCI
001
ns
1Guaranteed by design, not 100% tested in production.
CPU @ 1.25 V, 3V66 @ 1.5 V
SDRAM, 3V66 @ 1.5 V
3V66, PCI @ 1.5 V
IOAPIC @ 1.25 V, PCI @ 1.5 V
CPU @ 1.25 V, SDRAM @ 1.5 V
CPU @ 1.25 V, SDRAM @ 1.5 V
CPU @ 1.25 V, 3V66 @ 1.5 V
SDRAM, 3V66 @ 1.5 V
3V66, PCI @ 1.5 V
IOAPIC @ 1.25 V, PCI @ 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com