Electronic Components Datasheet Search
  English  ▼

X  

ICS9250-28 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9250-28
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-28 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9250-28 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
ICS9250-28
Byte 0: Control Register
(1 = enable, 0 = disable)
Byte 1: Control Register
(1 = enable, 0 = disable)
t
i
B#
n
i
Pe
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B-
D
I
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
6
t
i
B-
D
I
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
5
t
i
B-
D
I
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
4
t
i
B-
D
I
d
e
v
r
e
s
e
R1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
3
t
i
B-
m
u
r
t
c
e
p
S
d
a
e
r
p
S
)
f
f
O
=
0
/
n
O
=
1
(
1)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
2
t
i
B7
21
z
H
M
8
41
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
1
t
i
B6
20
z
H
M
8
41
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
0
t
i
B-
D
I
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
t
i
B#
n
i
Pe
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B8
37
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
6
t
i
B1
46
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
5
t
i
B2
45
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
4
t
i
B5
44
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
3
t
i
B6
43
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
2
t
i
B7
42
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
1
t
i
B0
51
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
0
t
i
B1
50
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
Note: Reserved ID bits must be written as "0"
Byte 2: Control Register
(1 = enable, 0 = disable)
Notes:
1. Inactive means outputs are held LOW and are disabled from switching. These outputs are designed to be
configured at power-on and are not expected to be configured during the normal modes of operation.
2. PWD = Power on Default
3. Undefined bit can be wirtten with either a "1" or "0".
t
i
B#
n
i
Pe
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B2
1)
P
G
A
(
2
-
6
6
V
31
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
6
t
i
B9
22
1
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
5
t
i
B2
31
1
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
4
t
i
B3
30
1
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
3
t
i
B6
39
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
2
t
i
B7
38
M
A
R
D
S1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
1
t
i
B6
11
K
L
C
I
C
P1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
0
t
i
B-
d
e
v
r
e
s
e
R0
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com