Electronic Components Datasheet Search
  English  ▼

X  

AD9802 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9802
Description  CCD Signal Processor For Electronic Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9802 Datasheet(HTML) 4 Page - Analog Devices

  AD9802 Datasheet HTML 1Page - Analog Devices AD9802 Datasheet HTML 2Page - Analog Devices AD9802 Datasheet HTML 3Page - Analog Devices AD9802 Datasheet HTML 4Page - Analog Devices AD9802 Datasheet HTML 5Page - Analog Devices AD9802 Datasheet HTML 6Page - Analog Devices AD9802 Datasheet HTML 7Page - Analog Devices AD9802 Datasheet HTML 8Page - Analog Devices AD9802 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9802
–4–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin #
Pin Name
Type
Description
1
ADVSS
P
Analog Ground
2–11
D0–D9
DO
Digital Data Outputs: D0 = LSB, D9 = MSB
12
DRVDD
P
+3 V Digital Driver Supply
13
DRVSS
P
Digital Driver Ground
14
DSUBST
P
Digital Substrate
15
DVSS
P
Digital Ground
16
ADCCLK
DI
ADC Sample Clock Input
17
DVDD
P
+3 V Digital Supply
18
STBY
DI
Power-Down (Active High)
19
PBLK
DI
Pixel Blanking (Active Low)
20
CLPOB
DI
Black Level Restore Clamp (Active Low)
21
SHP
DI
Reference Sample Clock Input
22
SHD
DI
Data Sample Clock Input
23
CLPDM
DI
Input Clamp (Active Low)
24
DVSS
P
Digital Ground
25
CCDBYP2
AO
CCD Bypass. Decouple to analog ground through 0.1
µF.
26
DIN
AI
CDS Input. Tie to Pin 27 and AC-Couple to CCD output through 0.1
µF.
27
PIN
AI
CDS Input. See above.
28
CCDBYP1
AO
CCD Bypass. Decouple to analog ground through 0.1
µF.
29
PGACONT1
AI
Coarse PGA Gain Control (0.3 V–2.7 V). Decoupled to analog ground through 0.1
µF.
30
PGACONT2
AI
Fine PGA Gain Control
31
ACVSS
P
Analog Ground
32
CLAMP_BIAS
AO
Clamp Bias Level. Decouple to analog ground through 0.1
µF.
33
ACVDD
P
+3 V Analog Supply
34, 35
TEST1, TEST2
AI
Reserved Test Pins. Should be left NC or pulled high to ACVDD.
36
ADCIN
AI
Direct ADC Analog Input (See Driving the Direct ADC Input)
37
CMLEVEL
AO
Common-Mode Level. Decouple to analog ground through 0.1
µF.
38
SHABYP
AO
Internal Bias Level. Decouple to analog ground through 0.1
µF.
39
MODE2
DI
ADC Test Mode Control (See Digital Output Data Control.)
40
MODE1
DI
ADC Test Mode Control (See Digital Output Data Control.)
41
ADCMODE
DI
ADC Input Control. Logic low for CDS/PGA, high for direct input.
42
NC
No Connect
43
ADVDD
P
+3 V Analog Supply
44, 45
ADVSS
P
Analog Ground
46
SUBST
P
Substrate. Connect to analog ground.
47
VRB
AO
Bottom Reference Bypass. Decouple to analog ground through 0.1
µF.
48
VRT
AO
Top Reference Bypass
NOTE
Type: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power.
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
ADVSS
(LSB) D0
D1
D2
D3
D4
D5
D6
D7
D8
(MSB) D9
DRVDD
NC = NO CONNECT
AD9802
ADCIN
TEST2
TEST1
ACVDD
CLAMP_BIAS
ACVSS
PGACONT2
PGACONT1
CCDBYP1
PIN
DIN
CCDBYP2
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com