Electronic Components Datasheet Search
  English  ▼

X  

AD9802 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9802
Description  CCD Signal Processor For Electronic Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9802 Datasheet(HTML) 1 Page - Analog Devices

  AD9802 Datasheet HTML 1Page - Analog Devices AD9802 Datasheet HTML 2Page - Analog Devices AD9802 Datasheet HTML 3Page - Analog Devices AD9802 Datasheet HTML 4Page - Analog Devices AD9802 Datasheet HTML 5Page - Analog Devices AD9802 Datasheet HTML 6Page - Analog Devices AD9802 Datasheet HTML 7Page - Analog Devices AD9802 Datasheet HTML 8Page - Analog Devices AD9802 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9802
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
CCD Signal Processor
For Electronic Cameras
FUNCTIONAL BLOCK DIAGRAM
SHP
AD9802
PGACONT1 PGACONT2
CLAMP
CLPDM
PBLK
PIN
DIN
SHD ADCCLK
TIMING
GENERATOR
CMLEVEL VRT VRB STBY
REFERENCE
S/H
CLPOB
CLAMP
DOUT
10
PGA
CDS
A/D
ADCIN
ADCMODE
MUX
DRVDD
DVDD
ADVDD
ACVDD
FEATURES
10-Bit, 18 MSPS A/D Converter
18 MSPS Full Speed Correlated Double Sampler (CDS)
Low Noise, Wideband PGA
Internal Voltage Reference
No Missing Codes Guaranteed
+3 V Single Supply Operation
Low Power CMOS: 185 mW
48-Terminal TQFP Package
PRODUCT HIGHLIGHTS
1. On-Chip Input Clamp and CDS
Clamp circuitry and high speed correlated double sampler
allow for simple ac-coupling to interface a CCD sensor at full
18 MSPS conversion rate.
2. On-Chip PGA
The AD9802 includes a low-noise, wideband amplifier with
analog variable gain from 0 dB to 31.5 dB (linear in dB).
3. Direct ADC Input
A direct input to the 10-bit A/D converter is provided for
digitizing video signals.
4. 10-Bit, High Speed A/D Converter
A linear 10-bit ADC is capable of digitizing CCD signals at
the full 18 MSPS conversion rate. Typical DNL is
±0.5 LSB
and no missing code performance is guaranteed.
5. Low Power
At 185 mW, and 15 mW in power-down, the AD9802 con-
sumes a fraction of the power of presently available multichip
solutions.
6. Digital I/O Functionality
The AD9802 offers three-state digital output control.
7. Small Package
Packaged in a 48-terminal, surface-mount thin quad flatpack,
the AD9802 is well suited to very compact, low headroom
designs.
PRODUCT DESCRIPTION
The AD9802 is a complete CCD signal processor developed
for electronic cameras. It is suitable for both camcorder and
consumer-level still camera applications.
The signal processing chain is comprised of a high speed CDS,
variable gain PGA and 10-bit ADC. Required clamping cir-
cuitry and an onboard voltage reference are provided as well as a
direct ADC input. The AD9802 operates from a single +3 V
supply with a typical power consumption of 185 mW.
The AD9802 is packaged in a space saving 48-terminal thin
quad flatpack (TQFP) and is specified over an operating tem-
perature range of 0
°C to +70°C.
OBSOLETE


Similar Part No. - AD9802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9802 AD-AD9802 Datasheet
366Kb / 20P
CCD Signal Processor For Electronic Cameras
REV.0
AD9802JST AD-AD9802JST Datasheet
366Kb / 20P
CCD Signal Processor For Electronic Cameras
REV.0
More results

Similar Description - AD9802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9801 AD-AD9801 Datasheet
292Kb / 12P
CCD Signal Processor For Electronic Cameras
REV.0
AD9802 AD-AD9802 Datasheet
366Kb / 20P
CCD Signal Processor For Electronic Cameras
REV.0
AD9803 AD-AD9803 Datasheet
179Kb / 19P
CCD Signal Processor For Electronic Cameras
REV.0
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Analog Devices
AD9801 AD-AD9801_15 Datasheet
269Kb / 12P
CCD Signal Processor For Electronic Cameras
REV. 0
AD9803 AD-AD9803_15 Datasheet
182Kb / 19P
CCD SIGNAL PROCESSOR FOR ELECTRONIC CAMERAS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com