Electronic Components Datasheet Search
  English  ▼

X  

MK1420STR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK1420STR
Description  OPL3, OPL4 Codec Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1420STR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK1420STR Datasheet HTML 1Page - Integrated Circuit Systems MK1420STR Datasheet HTML 2Page - Integrated Circuit Systems MK1420STR Datasheet HTML 3Page - Integrated Circuit Systems MK1420STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK1418/MK1420
OPL3, OPL4 + Codec Clock Source
MDS 1418/20 A
2
Revision 013098
Printed 11/15/00
MicroClock Division of ICS•1271 Parkmoor Ave.•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
Number
Name
Type
Description
1
X1
I
Crystal Connection. Connect to a 14.318 MHz crystal or clock.
2
VDD
P
Connect to +5V.
3
GND
P
Connect to ground.
4
16.9M
O
16.9344 MHz clock output for stereo codec.
5
24.6M
O
24.576 MHz clock output for stereo codec.
6
33.9M
O
33.868 MHz clock output for OPL4.
7
14.3M
O
14.318 MHz clock buffered output for OPL3 or PCMCIA controller.
8
X2
O
Crystal Connection to a 14.318 MHz crystal, or leave unconnected for clock input.
Pin Descriptions for MK1420
Key: I = Input, O = output, P = power supply connection
Pin Assignments
1
8
2
3
4
7
6
5
X1
VDD
GND
16.9M
X2
14.3M
33.9M
24.6M
Suggested Layout
for MK1420
External Components/Crystal Selection
A minimum number of external components are required for proper oscillation. For a crystal input, one
22pF load capacitor should be connected to each of the X1 and X2 pins and ground, and a parallel
resonant 14.318 MHz, 16pF load, crystal is recommended. Values near these are acceptable, as is a series
resonant crystal, but either will result in frequencies which are slightly (up to 0.06%) different from the
ideal. For a clock input, connect to X1 and leave X2 unconnected. A decoupling capacitor of 0.1µF should
be connected between VDD and GND, and 33
Ω terminating resistors may be used on the clock outputs.
These terminating resistors are unnecessary for clock traces less than 1” (25mm).
14.318 MHz
crystal
Pin 1
33
Ω (optional)
2
3
5
6
7
0.1µF
16.9MHz out
24.6MHz out
G
V
33
Ω (optional)
4
8
33
Ω (optional)
33
Ω (optional)
14.3MHz out
33.9MHz out
MK1420
MK1418
1
8
2
3
4
7
6
5
ICLK
VDD
GND
16.9M
GND
VDD
GND
24.6M
clock only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com