Electronic Components Datasheet Search
  English  ▼

X  

MK1420STR Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK1420STR
Description  OPL3, OPL4 Codec Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1420STR Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK1420STR Datasheet HTML 1Page - Integrated Circuit Systems MK1420STR Datasheet HTML 2Page - Integrated Circuit Systems MK1420STR Datasheet HTML 3Page - Integrated Circuit Systems MK1420STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK1418/MK1420
OPL3, OPL4 + Codec Clock Source
MDS 1418/20 A
3
Revision 013098
Printed 11/15/00
MicroClock Division of ICS•1271 Parkmoor Ave.•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure
to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Typical values are at 25°C.
3. If crystal is used as input with CL = 16pf. If a clock is used as input, the duty cycle of the 14.318MHz output will be the same as the
input clock.
Electrical Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+.5V
V
Clock Outputs
Referenced to GND
-0.5
VDD+.5V
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 20 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (at 5.0V unless otherwise noted)
DC CHARACTERISTICS (at 5.0V unless otherwise noted)
DC CHARACTERISTICS (at 5.0V unless otherwise noted)
Operating Voltage, VDD
4.5
5.5
V
Input High Voltage, VIH
3.5
2.5
V
Input Low Voltage, VIL
2.5
1.5
V
Output High Voltage, VOH
IOH=-4mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Operating Supply Current, IDD
No Load
18
mA
Input Capacitance
7
pF
Actual Mean Frequency versus Target
Outputs
±0.2
%
AC CHARACTERISTICS
Input Clock or Crystal Frequency
14.31818
MHz
Input Clock Duty Cycle, 14.318MHz
Time above 2.5V
20
80
%
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle, 24.576MHz
Time above 1.5V
40
45
60
%
Output Clock Duty Cycle, 16.9344 MHz
Time above 1.5V
45
50
55
%
Output Clock Duty Cycle, 33.868MHz
Time above 1.5V
45
50
55
%
Output Clock Duty Cycle, 14.318 MHz, Note 3
Time above 1.5V
45
50
55
%
Absolute Clock Period Jitter, except 14.3
Pins 4, 5, 6 only
-400
200
400
ps
One Sigma Clock Period Jitter, except 14.3
Pins 4, 5, 6 only
60
ps



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com