Electronic Components Datasheet Search
  English  ▼

X  

MK1420STR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK1420STR
Description  OPL3, OPL4 Codec Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1420STR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK1420STR Datasheet HTML 1Page - Integrated Circuit Systems MK1420STR Datasheet HTML 2Page - Integrated Circuit Systems MK1420STR Datasheet HTML 3Page - Integrated Circuit Systems MK1420STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK1418/MK1420
OPL3, OPL4 + Codec Clock Source
MDS 1418/20 A
1
Revision 013098
Printed 11/15/00
MicroClock Division of ICS•1271 Parkmoor Ave.•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
The MK1418 and MK1420 are the ideal way to
generate clocks for new sound cards. The MK1420
provides clocks for Analog Devices’ AD1848,
Crystal Semiconductor’s CS4231, and Yamaha’s
OPL3L, OPL3LS, and OPL4. The MK1420 uses
either a 14.318 MHz crystal, or a 14.318 MHz bus
clock input to synthesize the clocks required to
drive the codec, and the 33.868 MHz required for
the FM or wavetable music synthesizer. The chips
are ideal for add-in sound cards and motherboards
with integrated sound. In an 8 pin SOIC, the
MK1420 can save component count, board space,
and cost over surface mount crystals, and increase
reliability by eliminating three or four mechanical
devices from the board.
MicroClock offers many other parts with stereo
codec support. The MK1430 has 5 output clocks,
the MK1448 has 7, the MK1444 has eight
including DSP clocks, and the MK1450/1 offers
Pentium™ and SCSI support, plus the stereo
codec clocks.
Block Diagram
Description
Features
VDD GND
Clock Synthesis
Circuitry
16.934 MHz
Output
Buffer
Output
Buffer
24.576 MHz
• Packaged in 8 pin SOIC
• Input crystal or clock frequency of 14.318 MHz
• MK1418 is clock input only
• MK1420 output clock frequencies of 16.934MHz,
24.576 MHz, 33.868 MHz, and 14.318 MHz
• Advanced, low power CMOS process
• Lowest jitter in industry for best audio
performance
• Insensitive to input clock duty cycle
• 50% (typ) 14.318 MHz duty cycle with crystal
AC Coupling/Portable Applications
For applications in portable computers, it is possible
to drive the input clock with a 3.3V, 14.318MHz
clock by a.c. coupling using a 0.01µF capacitor
connected in series to the CLKIN pin. But the
operating VDD on pin 2 must be 5V±10%. This
technique is also effective if the input clock doesn’t
meet the VIH and VIL specifications on page 3.
Additional Clocks or Features
If more than these four output clocks or features
such as power down are needed, MicroClock has
many other products in development. Consult
MicroClock for your specific needs.
Output
Buffer
33.868 MHz
(MK1420 only)
Output
Buffer
14.318 MHz
(MK1420 only)
Crystal
Oscillator
14.318 MHz
crystal or clock
X1
X2


Similar Part No. - MK1420STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1422 ICST-MK1422 Datasheet
43Kb / 4P
OPL3/4Codec Portable Clock Source
Revision 080698
MK1422S ICST-MK1422S Datasheet
43Kb / 4P
OPL3/4Codec Portable Clock Source
Revision 080698
MK1422STR ICST-MK1422STR Datasheet
43Kb / 4P
OPL3/4Codec Portable Clock Source
Revision 080698
More results

Similar Description - MK1420STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
MK1422 ICST-MK1422 Datasheet
43Kb / 4P
OPL3/4Codec Portable Clock Source
Revision 080698
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
Audio Clock Source
Revision 102103
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
Broadcom Clock Source
Revision 042600
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
ICS651-03 ICST-ICS651-03 Datasheet
157Kb / 7P
VOIP Clock Source
Revision 112603
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com