Electronic Components Datasheet Search
  English  ▼

X  

MK1574 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK1574
Description  Frame Rate Communications PLL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1574 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK1574 Datasheet HTML 1Page - Integrated Circuit Systems MK1574 Datasheet HTML 2Page - Integrated Circuit Systems MK1574 Datasheet HTML 3Page - Integrated Circuit Systems MK1574 Datasheet HTML 4Page - Integrated Circuit Systems MK1574 Datasheet HTML 5Page - Integrated Circuit Systems MK1574 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MK1574
Frame Rate Communications PLL
MDS 1574-01 D
2
Revision 011999
Printed 11/15/00
MicroClock Division of ICS • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
Number
Name
Type Description
1
ICLK
I
Input clock. Connect to an 8kHz clock input.
2
VDD
P
Connect to +3.3V or +5V.
3
VDD
P
Connect to +3.3V or +5V. Must be same voltage as pin 2.
4
CAP1
I
Connect a ceramic capacitor and a resistor in series between this pin and CAP2. Refer to page 4.
5
GND
P
Connect to ground.
6
CAP2
I
Connect a ceramic capacitor and a resistor in series between this pin and CAP1. Refer to page 4.
7
GND
P
Connect to ground.
8
FS0
I
Frequency Select 0. Determines CLK outputs per table above.
9
8KOUT
O
Recovered 8kHz output clock. Can be lower jitter, better duty cycle than input clock.
10
CLK1
O
Clock 1 determined by status of FS3:0 per table above.
11
CLK2
O
Clock 2 determined by status of FS3:0 per table above.
12
CLK3
O
Clock 3 determined by status of FS3:0 per table above.
13
FS1
I
Frequency Select 1. Determines CLK outputs per table above.
14
FS2
I
Frequency Select 2. Determines CLK outputs per table above.
15
N/C
-
No Connect. Nothing is connected to this pin.
16
FS3
I
Frequency Select 3. Determines CLK outputs per table above.
Pin Descriptions
Type: I = Input, O = output, P = power supply connection
Pin Assignment
Output Clocks Decoding Table MK1574-01 (MHz)
16 pin (150 mil) SOIC
1
16
2
3
4
15
14
13
CAP1
GND
VDD
FS1
5
6
7
8
12
11
10
9
FS0
FS2
CAP2
FS3
CLK2
CLK1
GND
CLK3
VDD
ICLK
N/C
• 0 = connect directly to ground, 1 = connect directly to VDD.
Decode Address
ICLK
Multiplier
CLK 1
CLK 2
CLK 3
FS3:0
(Hex)
pin 1
On-chip
pin 10
pin 11
pin 12
0
Reserved
Reserved
Reserved
Reserved
Reserved
1
Reserved
Reserved
Reserved
Reserved
Reserved
2
Reserved
Reserved
Reserved
Reserved
Reserved
3
Reserved
Reserved
Reserved
Reserved
Reserved
4
8.00kHz
2940
23.52
11.76
5.88
5
8.00kHz
1960
15.68
7.84
3.92
6
8.00kHz
2760
22.08
11.04
5.52
7
8.00kHz
2640
21.12
10.56
5.28
8
8.00kHz
1920
15.36
7.68
3.84
9
8.00kHz
6480
51.84
25.92
12.96
A
8.00kHz
2112
16.896
8.448
4.224
B
8.00kHz
1578
12.624
6.312
3.156
C
8.00kHz
8192
65.536
32.768
16.384
D
8.00kHz
6176
49.408
24.704
12.352
E
8.00kHz
1024
8.192
4.096
2.048
F
8.00kHz
772
6.176
3.088
1.544
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
8KOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com