Electronic Components Datasheet Search
  English  ▼

X  

MK1574 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK1574
Description  Frame Rate Communications PLL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1574 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK1574 Datasheet HTML 1Page - Integrated Circuit Systems MK1574 Datasheet HTML 2Page - Integrated Circuit Systems MK1574 Datasheet HTML 3Page - Integrated Circuit Systems MK1574 Datasheet HTML 4Page - Integrated Circuit Systems MK1574 Datasheet HTML 5Page - Integrated Circuit Systems MK1574 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MK1574
Frame Rate Communications PLL
MDS 1574-01 D
4
Revision 011999
Printed 11/15/00
MicroClock Division of ICS • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
The series-connected capacitor and resistor between CAP1 and CAP2 (pins 4 and 6) determine the dynamic
characteristics of the phase-locked loop. The capacitor must have very low leakage, therefore a high quality
ceramic capacitor is recommended. DO NOT use any type of polarized or electrolytic capacitor. The series
connected capacitor and resistor between CAP1 and CAP2 (pins 4 and 6) determine the dynamic
characteristics of the phase-locked loop. The capacitor must have very low leakage, therefore a high quality
ceramic capacitor is recommended. DO NOT use any type of polarized or electrolytic capacitor. Ceramic
capacitors should have C0G or NP0 dielectric. Avoid high-K dielectrics like Z5U and X7R; these and other
ceramics which have piezoelectric properties allow mechanical vibration in the system to increase the output
jitter because the mechanical energy is converted directly to voltage noise on the VCO input.
The values of the RC network determine the bandwidth of the PLL. The values of the loop filter components
are calculated using the constants K1 and K2 from the table on page 5. The loop bandwidth is set by the
capacitor C and the constant K1 using the formula
The loop damping is set by the resistor R, the capacitor C, and the constant K2 using the formula
Equation 2;
ζ (zeta) is the damping factor
For example, to design the loop filter when generating 8.192 MHz from 8 kHz:
1. From the table on page 2, the address is E. The table on page 5 shows constants K1=0.0516 and K2=6.2.
2. A good value for the loop bandwidth is 1/20 the input frequency; where 8 kHz/20 = 400 Hz. Using
Equation 1,
Therefore,
3. A good value for the damping factor
ζ is 0.707. From Equation 2,
R =
C
ζ • K2
R =
0.707 • 6.2
16E-9
= 34.7 k
Ω (36 kΩ nearest standard value)
Loop Bandwidth and Loop Filter Component Selection
Equation 1
BW (Hz) =
C
K1
400 =
C
0.0516
C =
400
0.0516
(
)2 =16.6nF (16nFneareststandardvalue)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com