Electronic Components Datasheet Search
  English  ▼

X  

MK1574 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK1574
Description  Frame Rate Communications PLL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1574 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK1574 Datasheet HTML 1Page - Integrated Circuit Systems MK1574 Datasheet HTML 2Page - Integrated Circuit Systems MK1574 Datasheet HTML 3Page - Integrated Circuit Systems MK1574 Datasheet HTML 4Page - Integrated Circuit Systems MK1574 Datasheet HTML 5Page - Integrated Circuit Systems MK1574 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MK1574
Frame Rate Communications PLL
MDS 1574-01 D
1
Revision 011999
Printed 11/15/00
MicroClock Division of ICS • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
• Packaged in 16 pin narrow (150 mil) SOIC
• Exact multiplications stored in the device eliminate
the need for external dividers
• Accepts 8 kHz input clock
• Output clock rates include T1, E1, T2, E2
• 3.0V to 5.5V operation
• Available in commercial (0 to +70 C) or industrial
(-40 to +85 C) temperature ranges
• For jitter attenuation, use the MK2049
The MK1574-01 is a Phase-Locked Loop (PLL)
based clock synthesizer, which accepts an 8 kHz
clock input as a reference, and generates many
popular communications frequencies. All outputs
are frequency locked together and to the input.
This allows for the generation of locked clocks to
the 8 kHz backplane clock, simplifying clock
generation and distribution in communications
systems.
MicroClock can customize this device for any
other different frequencies.
Block Diagram
Description
Features
Input
Buffer
VDD
GND
PLL
Clock
Synthesis
and
Control
Circuitry
8kHz
Input Clock
Output
Buffer
Output
Buffer
CLK1
2
2
Output
Buffer
CLK2
FS0-3
CLK3
4
Output
Buffer
8kHz
(recovered)
CAP1
CAP2


Similar Part No. - MK1574

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
MK1574-01ASILF RENESAS-MK1574-01ASILF Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK1574-01ASILFTR RENESAS-MK1574-01ASILFTR Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK1574-01ASLF RENESAS-MK1574-01ASLF Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK1574-01ASLFTR RENESAS-MK1574-01ASLFTR Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
More results

Similar Description - MK1574

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
3.3 V Communications Clock PLL
Revision 121400
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 121300
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 120400
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
3.3V Communications Clock PLL
Revision 101904
logo
Renesas Technology Corp
MK1574-01B RENESAS-MK1574-01B Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com