Electronic Components Datasheet Search
  English  ▼

X  

MK2703STR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2703STR
Description  PLL Audio Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2703STR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2703STR Datasheet HTML 1Page - Integrated Circuit Systems MK2703STR Datasheet HTML 2Page - Integrated Circuit Systems MK2703STR Datasheet HTML 3Page - Integrated Circuit Systems MK2703STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK2703
PLL Audio Clock Synthesizer
MDS 2703 C
1
Revision 062700
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
I C R O
C LOC K
Block Diagram
Description
Features
The MK2703 is a low cost, low jitter, high
performance PLL clock synthesizer designed to
replace oscillators and PLL circuits in set-top box
and multimedia systems. Using our patented
analog Phase-Locked Loop (PLL) techniques, the
device uses a 27 MHz crystal or clock input to
produce a buffered reference clock and a selectable
audio clock.
MicroClock manufactures the largest variety of
Set-Top Box and multimedia clock synthesizers
for all applications. Consult MicroClock to
eliminate VCXOs, crystals and oscillators from
your board.
• Packaged in 8 pin SOIC
• Uses an inexpensive fundamental crystal, or clock
• Supports MPEG sampling rates of 32 kHz,
44.1 kHz, 48 kHz and 96 kHz
• Patented zero ppm synthesis error in all clocks
• All frequencies are frequency locked
• 25 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 3.3 V or 5 V operating voltage
• For audio clocks that require lower jitter, use the
MK2731-03C
• Industrial temperature version available
27 MHz crystal or
clock
X2
X1
(Capacitors are required
for crystal tuning)
Crystal
Oscillator
VDD GND
PLL
Clock Synthesis
and Control
Circuitry
Output
Buffer
Audio Clock
Output
Buffer
27.000 MHz
S1:0
2


Similar Part No. - MK2703STR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK2703SILF IDT-MK2703SILF Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703SILF RENESAS-MK2703SILF Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
logo
Integrated Device Techn...
MK2703SILFTR IDT-MK2703SILFTR Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703SILFTR RENESAS-MK2703SILFTR Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
logo
Integrated Device Techn...
MK2703SLF IDT-MK2703SLF Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
More results

Similar Description - MK2703STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
MK2704 RENESAS-MK2704 Datasheet
333Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
051310
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
QUAD PLL CLOCK SYNTHESIZER
012005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com